Electronic Components Datasheet Search
  English  ▼

X  

C01681228 Datasheet(PDF) 2 Page - Norgren Ltd

Part # C01681228
Description  Pneufit C & Pneufit M
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NORGREN [Norgren Ltd]
Direct Link  https://www.norgren.com/en
Logo NORGREN - Norgren Ltd

C01681228 Datasheet(HTML) 2 Page - Norgren Ltd

  C01681228 Datasheet HTML 1Page - Norgren Ltd C01681228 Datasheet HTML 2Page - Norgren Ltd C01681228 Datasheet HTML 3Page - Norgren Ltd C01681228 Datasheet HTML 4Page - Norgren Ltd C01681228 Datasheet HTML 5Page - Norgren Ltd C01681228 Datasheet HTML 6Page - Norgren Ltd C01681228 Datasheet HTML 7Page - Norgren Ltd C01681228 Datasheet HTML 8Page - Norgren Ltd C01681228 Datasheet HTML 9Page - Norgren Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
02/04
N/UK 9.1.001.02
PNEUFIT® C & PNEUFIT® M
Our policy is one of continued research and development. We therefore reserve the right to amend,
without notice, the specifications given in this document.
Method of assembly
Options selector
˙0˙˙˙˙˙˙˙
Thread size/tube size
Thread size/tube size
Series
Substitute
Pneufit C Standard
C
Pneufit M Miniature
M
Type
Snape
1. Ensure that the end tube
is cut square and is free
from burrs.
2. Push the tube through the
release ring button and
grab ring into the fitting.
3. Push the tube firmly through the 'O' ring until it
bottoms on the tube stop, then pull back.
4. To disconnect, push the tube into
the fitting, hold down the release
button and withdraw the tube.
Impact resistant PBT body in black for Pneufit
® C and light gray for
Pneufit
® M.
Release buttons are red for metric, grey for inch, and light grey oval for
Pneufit
® M.
Stainless steel grab ring with special design to retain softer tube and
provide easy releasability.
Silicon free U-packing provides leak tight tube seal ander side loading.
4
3
2
1
Stem seal provides leak tight 360° swivel connection.
Nickel plated brass threads and notches on hex to signify NPT.
Pre-applied thread sealant on tapered threads and recessed captive O-
ring on parallel threads.
7
6
5
Elbow-and Tee connectors and Adaptors
Page 16
Page 16
Union Elbow
M0040
90˚ Swivel Elbow Adaptor
M0247
Pneufit M
Straight Adaptors and Connectors
Page 16
Page 16
Page 16
Page 16
Straight Union
M0020
Straight Union
(unequal)
M0020
Straight Adaptor
(external + internal hex)
M0225
Straight Adaptor
(internal hex only)
M022A
Page 17
Page 17
Page 17
Union Tee
M0060
Swivel Tee Adaptor
M0267
Swivel Side Tee Adaptor
M0268
Straight Adaptor
(temale thread)
M0226
Page 16
1
2
3
5
6
7
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com