Electronic Components Datasheet Search
  English  ▼

X  

1551USB3 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1551USB3
Description  Purchased assembly includes box, lid, 2 cover screws. Enclosure molded from general purpose ABS Plastic. Other materials / colours available consult factory.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1551USB3 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1551USB3 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Black Enclosure - Ral 9011 - UL94 - HB
Gray Enclosure - RAL 7035 - UL94 - HB
Translucent Clear - UL94 - HB
Translucent Smoke - UL94 - HB
Translucent Red - UL94 - HB
P.C. Board Plastite Self Tapping Screw
[#2 x 3/16" self-tapping (4.8mm)]
Plated Cover Screws #2 X 1/2" Self-tapping
Black Cover Screws #2 X 1/2" Self-tapping
1551USB50BK (Pkg 50)
1551USB50 (Pkg 50)
ACCESSORIES
1551USB3BK
1551USB3GY
1553WTS100 (Pkg 100)
1551USB3CLR
1551USB3TSK
Purchased assembly includes box, lid, 2 cover screws.
Enclosure molded from general purpose ABS Plastic.
Other materials / colours available consult factory.
Recommended Torque : (35-43) Ozf.in / (25-30) cN.m
NOTE
PART NUMBERS
1551USB3 Enclosure
1551USB3TRD
TOP VIEW
SECTION B-B
SIDE VIEW
INSIDE BOTTOM VIEW
INSIDE TOP VIEW
SECTION A-A
END VIEW
B
B
A
A
1551USB3
Dimensions:
mm
[inches]
www.hammondmfg.com
REV:19.07.2021
58.97
[2.32]
23.97
[.94]
65.00
[2.56]
30.00
[1.18]
5.00
[.20]
12.52
[.49]
61.41
[2.42]
15.50
[.61]
48.00
[1.89]
21.00
[.83]
24.00
[.94]
59.00
[2.32]
25.50
[1.00]
3.50
[.14]
18.50
[.73]
3.20
[.13]
23.10
[.91]
48.00
[1.89]
21.00
[.83]
MAXIMUM
P.C. BOARD SIZE
(NOT SUPPLIED)
26.41
[1.04]
11.60
[.46]
5.05
[.20]
R2.25
[R.09]
1.20
[.05]
19.31
[.76]
1.50
[.06]
3.34
[.13]
56.85
[2.24]
8.74
[.34]
5.50
[.22]
Mounting posts
accept #2x3/16"
Self Tap screw
.50
[.02]
Inlay Depth
1.70
[.07]
6.55
[.26]
Cover Screw
accept #2x1/2"
Self Tap screw
3.73
[
.15]
2.50
[
.10]
5.00
[.20]
2.25
[.09]
4.49
[.18]
8.49
[.33]
®
Enclosures can be Factory Modified (Milling, Drilling, Printing etc.)
Contact Factory (modshop@hammfg.com) for quotes
Solid models of this enclosure available in .stp or .x_t
(Part number and text placement/orientation on our products are subject to change,
we do not recommend using them as a locating reference for modification purposes)


Similar Part No. - 1551USB3

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1551USB50 HAMMOND-1551USB50 Datasheet
133Kb / 2P
Subminiature Plastic Enclosures 1551MINI Series
8/24/2017
1551USB50BK HAMMOND-1551USB50BK Datasheet
133Kb / 2P
Subminiature Plastic Enclosures 1551MINI Series
8/24/2017
More results

Similar Description - 1551USB3

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590WP1BK HAMMOND-1590WP1BK Datasheet
121Kb / 1P
Purchased assembly includes box, lid and 4 cover screws. Box and lid are made from Diecast Aluminum Alloy (alloy type 360.1).
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1551F HAMMOND-1551F Datasheet
297Kb / 1P
Purchased assembly includes lid and box made from GP ABS material
1551G HAMMOND-1551G Datasheet
295Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551M HAMMOND-1551M Datasheet
298Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551MFL HAMMOND-1551MFL Datasheet
299Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551N HAMMOND-1551N Datasheet
306Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551NFL HAMMOND-1551NFL Datasheet
296Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
1551QFL HAMMOND-1551QFL Datasheet
300Kb / 1P
Purchased assembly includes lid and box made from GP ABS material and cover screws.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com