Electronic Components Datasheet Search
  English  ▼

X  

1552 Datasheet(PDF) 2 Page - Hammond Manufacturing Ltd.

Part # 1552
Description  Hand-Held ABS Plastic Enclosures 1552 Series Rubberized Cord Grip Option
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1552 Datasheet(HTML) 2 Page - Hammond Manufacturing Ltd.

  1552 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 1552 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7/16/2020
Hand-Held ABS Plastic Enclosures (1552 Series) - Hammond Mfg.
https://www.hammfg.com/electronics/small-case/plastic/1552
2/2
Cord grip end panel kit is
made from TPE and
polycarbonate. It replaces the
standard end panel and fits
securely into the enclosure.
Compatible with wire
diameters from 2mm to 6mm.
Cable secured inside the
case with a cable tie-down
and screws (included in cable
gland kit).
Plastic wall holder
accessory (sold separately)
allows the enclosure to be
temporarily fixed to a wall.
Wall mounting holes are
countersunk for flat head
screws. Mounting hardware is
not included and should be
user-specified depending on
the application.
Rubberized Cable Gland Kit
Fits Size
Black
Gray
C
1552CPGKITBK
1552CPGKITGY
D
1552DPGKITBK
1552DPGKITGY
Wall-Mount Holder Kit
Fits Size
Black
Gray
C
1552CHBK
1552CHGY
D
1552DHBK
1552DHGY
Replacement End Panels (10-packs)
Fits Size
Black
Gray
C
1552CPLBK-10
1552CPLGY-10
D
1552DPLBK-10
1552DPLGY-10
Data subject to change without notice
Black
Gray
Length
Width
Depth
1552C1BK
1552C1GY
70
50
22
1552D1BK
1552D1GY
70
50
30
1552C3BK
1552C3GY
110
50
22
1552D3BK
1552D3GY
110
50
30
1552C5BK
1552C5GY
150
50
22
1552D5BK
1552D5GY
150
50
30
© 2020. Hammond Manufacturing Ltd. All rights reserved.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com