Electronic Components Datasheet Search
  English  ▼

X  

SD57045 Datasheet(PDF) 9 Page - STMicroelectronics

Part # SD57045
Description  RF POWER TRANSISTORS The LdmoSTFAMILY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD57045 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button SD57045 Datasheet HTML 3Page - STMicroelectronics SD57045 Datasheet HTML 4Page - STMicroelectronics SD57045 Datasheet HTML 5Page - STMicroelectronics SD57045 Datasheet HTML 6Page - STMicroelectronics SD57045 Datasheet HTML 7Page - STMicroelectronics SD57045 Datasheet HTML 8Page - STMicroelectronics SD57045 Datasheet HTML 9Page - STMicroelectronics SD57045 Datasheet HTML 10Page - STMicroelectronics SD57045 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
COMMON SOURCE S-PARAMETERS
(VDS =28 V,IDS = 1.5 A)
FREQ
(MHz)
lS11lS11
∠φ
lS21lS21
∠φ
lS12lS12
∠φ
lS22lS22
∠φ
50
0.867
-158
20.011
91
0.013
2
0.675
-163
60
0.870
-159
18.979
90
0.013
1
0.676
-164
70
0.873
-160
17.907
89
0.013
-0
0.677
-164
80
0.876
-162
16.794
88
0.013
-1
0.679
-165
90
0.880
-163
15.649
87
0.013
-2
0.681
-165
100
0.884
-164
14.478
86
0.013
-3
0.683
-165
150
0.904
-169
8.997
77
0.012
-9
0.700
-167
200
0.915
-171
6.310
70
0.012
-14
0.722
-167
250
0.920
-172
4.797
62
0.011
-18
0.748
-167
300
0.927
-173
3.813
56
0.010
-21
0.774
-167
350
0.933
-173
3.106
51
0.009
-22
0.799
-167
400
0.940
-173
2.589
47
0.009
-23
0.823
-168
450
0.947
-174
2.194
43
0.008
-23
0.843
-168
500
0.953
-174
1.890
40
0.007
-23
0.862
-168
550
0.958
-174
1.652
37
0.006
-21
0.877
-169
600
0.963
-174
1.456
34
0.006
-17
0.891
-169
650
0.966
-174
1.299
32
0.005
-12
0.904
-169
700
0.968
-175
1.157
30
0.004
-4
0.914
-170
750
0.971
-175
1.039
28
0.004
6
0.923
-170
800
0.974
-175
0.932
26
0.004
18
0.932
-170
850
0.976
-175
0.838
25
0.004
31
0.940
-172
900
0.977
-176
0.755
23
0.004
42
0.946
-170
950
0.979
-176
0.678
22
0.004
54
0.951
-170
1000
0.980
-176
0.613
21
0.005
61
0.955
-171
1050
0.981
-176
0.550
20
0.006
69
0.957
-171
1100
0.982
-177
0.498
19
0.006
74
0.958
-171
1150
0.983
-177
0.449
19
0.007
28
0.957
-172
1200
0.985
-177
0.410
19
0.008
80
0.954
-173
1250
0.985
-177
0.373
18
0.009
83
0.949
-174
1300
0.986
-177
0.344
18
0.010
86
0.940
-175
1350
0.987
-177
0.314
18
0.010
88
0.929
-177
1400
0.989
-177
0.292
19
0.011
90
0.913
-180
1450
0.991
-177
0.273
19
0.012
93
0.896
-177
1500
0.992
-177
0.263
19
0.013
94
0.884
-175
SD57045
9/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com