Electronic Components Datasheet Search
  English  ▼

X  

23213 Datasheet(PDF) 1 Page - Schneider Electric

Part # 23213
Description  TP&N type B distribution boards - incomers
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

23213 Datasheet(HTML) 1 Page - Schneider Electric

  23213 Datasheet HTML 1Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
14
Isobar 4
TP&N type B distribution boards - incomers
Residual current circuit breakers (RCCBS 63 - 160A)
Part No.
Rating
Voltage
Sensitivity
N
o.
of poles
RMG630304
63A
415V
30mA
4
RMG631004
63A
415V
100mA
4
RMG633004
63A
415V
300mA
4
23146
63A
415V
300mA TD**
4
16261
80A
415V
30mA
4
23213
100A
415V
300mA
4
23227
100A
415V
300mA TD**
4
MGNI160RCCB*
160A
415V
Adjustable
4
* Item is supplied with 270mm extension box, MCCB and Vigi.
** Time delay as an element of discrimination.
Switch disconnectors (160 - 250A)
Part No.
Rating
Voltage
No. of poles
MGNI1603
160A
415V
3+N
MGNI2003
200A
415V
3+N
MGNI2503
250A
415V
3+N
MGNI1604
160A
415V
4
MGNI2004
200A
415V
4
MGNI2254
225A
415V
4
MGNI2504
250A
415V
4
29243
Bare cable connector set 95mm2 160A set of 4
29260
Bare cable connector set 185mm2 250A set of 4
MGALK
Allen key kit for fitting devices >160A
Devices fit directly into distribution board and are supplied with 270mm extension box.
Switch disconnectors
Part No.
Rating
Voltage
N
o. of poles
MGI1253N
125A
415V
3 + N
MGI1254
125A
415V
4
Specification:
■ BS EN 60947-3
■ Copper pad for M8 lugs, tightening torque 15Nm
■ Lockable in “ON” or “OFF” position
■ Category of duty AC22
■ Positive contact indication in accordance with BS 7671
Specification:
■ BS EN 61008
■ Positive contact indication in accordance with
BS 7671
■ Lockable in “ON” or “OFF” position
■ Trip free mechanism
■ Cable capacity 63A/80A - 35mm2, 100A - 50mm2
■ Terminal tightening torque 2Nm (63/80A),
3.5Nm (100A), 15Nm (160A)
Specification:
■ BS EN 60947-3
■ Category of duty AC22
■ Positive contact indication in accordance with
BS 7671
■ Cable capacity 50mm2
■ Terminal tightening torque 3.5Nm
■ Lockable in “ON” or “OFF” position
using ref: MGLA
MGI1254
MGNI2504
MGBNI160RCCB


Similar Part No. - 23213

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2321334 PHOENIX-2321334 Datasheet
46Kb / 3P
Round cable with a molded 40-pos.
2321347 PHOENIX-2321347 Datasheet
46Kb / 3P
Round cable with a molded 40-pos.
2321350 PHOENIX-2321350 Datasheet
46Kb / 3P
Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No.
2321363 PHOENIX-2321363 Datasheet
46Kb / 3P
Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 20 m
2321376 PHOENIX-2321376 Datasheet
46Kb / 3P
Round cable with a molded 40-pos. socket strip and two 16-pos. socket strips for connecting two 8-channel MINI analog system adapters. No. of positions: 40/ 2 x 16; The cable is suitable for the analog cards AAI141 and AAI143. Cable length: 15 m
More results

Similar Description - 23213

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
TPFLEX-N5P-7-0.127-250 YAMAICHI-TPFLEX-N5P-7-0.127-250 Datasheet
47Kb / 1P
50MIL (1.27mm) OKIFLEX-TP Type (150V, 80째C)
logo
ON Semiconductor
SFT1443 ONSEMI-SFT1443 Datasheet
418Kb / 9P
N-Channel Power MOSFET 100V, 9A, 225m, Single TP/TP-FA
July, 2013
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1445-TL-H ONSEMI-SFT1445-TL-H Datasheet
420Kb / 9P
N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
July, 2013
SFT1450-TL-H ONSEMI-SFT1450-TL-H Datasheet
412Kb / 9P
N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1446-TL-H ONSEMI-SFT1446-TL-H Datasheet
424Kb / 10P
N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA
July, 2013
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
RD0306T-H ONSEMI-RD0306T-H Datasheet
371Kb / 7P
Planar Ultrafast Rectifier Fast trr type, 3A, 600V, 50ns, TP/TP-FA
September, 2013
logo
PHOENIX CONTACT
2985204 PHOENIX-2985204 Datasheet
103Kb / 3P
TP 15T
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com