Electronic Components Datasheet Search
  English  ▼

X  

LTC1860CMS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1860CMS8
Description  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860CMS8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1860CMS8 Datasheet HTML 1Page - Linear Technology LTC1860CMS8 Datasheet HTML 2Page - Linear Technology LTC1860CMS8 Datasheet HTML 3Page - Linear Technology LTC1860CMS8 Datasheet HTML 4Page - Linear Technology LTC1860CMS8 Datasheet HTML 5Page - Linear Technology LTC1860CMS8 Datasheet HTML 6Page - Linear Technology LTC1860CMS8 Datasheet HTML 7Page - Linear Technology LTC1860CMS8 Datasheet HTML 8Page - Linear Technology LTC1860CMS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1860/LTC1861
18601f
The q denotes specifications which apply
over the full operating temperature range, otherwise specifications are TA = 25°C. VCC = 5V, VREF = 5V, unless otherwise noted.
TA = 25°C. VCC = 5V, fSAMPLE = 250kHz, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SNR
Signal-to-Noise Ratio
72
dB
S/(N + D) Signal-to-Noise Plus Distortion Ratio
100kHz Input Signal
71
dB
THD
Total Hamonic Distortion Up to 5th Harmonic 100kHz Input Signal
77
dB
Full Power Bandwidth
20
MHz
Full Linear Bandwidth
S/(N + D)
≥ 68dB
125
kHz
DY A IC ACCURACY
DIGITAL A D DC ELECTRICAL CHARACTERISTICS
The q denotes specifications which apply over the
full operating temperature range, otherwise specifications are TA = 25°C.
RECO
E DED OPERATI G CO DITIO S
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
VCC = 5.25V
q
2.4
V
VIL
Low Level Input Voltage
VCC = 4.75V
q
0.8
V
IIH
High Level Input Current
VIN = VCC
q
2.5
µA
IIL
Low Level Input Current
VIN = 0V
q
– 2.5
µA
VOH
High Level Output Voltage
VCC = 4.75V, IO = 10µA
q
4.5
4.74
V
VCC = 4.75V, IO = 360µA
q
2.4
4.72
V
VOL
Low Level Output Voltage
VCC = 4.75V, IO = 1.6mA
q
0.4
V
IOZ
Hi-Z Output Leakage
CONV = VCC
q
±3
µA
ISOURCE
Output Source Current
VOUT = 0V
– 25
mA
ISINK
Output Sink Current
VOUT = VCC
20
mA
IREF
Reference Current (LTC1860 SO-8, MSOP and CONV = VCC
q
0.001
3
µA
LTC1861 MSOP)
fSMPL = fSMPL(MAX)
q
0.05
0.1
mA
ICC
Supply Current
CONV = VCC After Conversion
q
0.001
3
µA
fSMPL = fSMPL(MAX)
q
0.85
1.3
mA
PD
Power Dissipation
fSMPL = fSMPL(MAX)
4.25
mW
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
4.75
5.25
V
fSCK
Clock Frequency
q
DC
20
MHz
tCYC
Total Cycle Time
12 • SCK + tCONV
µs
tSMPL
Analog Input Sampling Time
LTC1860
12
SCK
LTC1861
10
SCK
tsuCONV
Setup Time CONV
↓ Before First SCK↑,
30
ns
(See Figure 1)
thDI
Holdtime SDI After SCK
↑
LTC1861
15
ns
tsuDI
Setup Time SDI Stable Before SCK
↑
LTC1861
15
ns
tWHCLK
SCK High Time
fSCK = fSCK(MAX)
40%
1/fSCK
tWLCLK
SCK Low Time
fSCK = fSCK(MAX)
40%
1/fSCK
tWHCONV
CONV High Time Between Data
tCONV
µs
Transfer Cycles
tWLCONV
CONV Low Time During Data Transfer
12
SCK
thCONV
Hold Time CONV Low After Last SCK
↑
13
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com