Electronic Components Datasheet Search
  English  ▼

X  

LTC1861IMS Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1861IMS
Description  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1861IMS Datasheet(HTML) 4 Page - Linear Technology

  LTC1861IMS Datasheet HTML 1Page - Linear Technology LTC1861IMS Datasheet HTML 2Page - Linear Technology LTC1861IMS Datasheet HTML 3Page - Linear Technology LTC1861IMS Datasheet HTML 4Page - Linear Technology LTC1861IMS Datasheet HTML 5Page - Linear Technology LTC1861IMS Datasheet HTML 6Page - Linear Technology LTC1861IMS Datasheet HTML 7Page - Linear Technology LTC1861IMS Datasheet HTML 8Page - Linear Technology LTC1861IMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1860/LTC1861
18601f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: Integral nonlinearity is defined as deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 4: Channel leakage current is measured while the part is in sample
mode.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tCONV
Conversion Time (See Figure 1)
q
2.75
3.2
µs
fSMPL(MAX) Maximum Sampling Frequency
q
250
kHz
tdDO
Delay Time, SCK
↓ to SDO Data Valid
CLOAD = 20pF
15
20
ns
q
25
ns
tdis
Delay Time, CONV
↑ to SDO Hi-Z
q
30
60
ns
ten
Delay Time, CONV
↓to SDO Enabled
CLOAD = 20pF
q
30
60
ns
thDO
Time Output Data Remains
CLOAD = 20pF
q
510
ns
Valid After SCK
↓
tr
SDO Rise Time
CLOAD = 20pF
8
ns
tf
SDO Fall Time
CLOAD = 20pF
4
ns
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are TA = 25°C. VCC = 5V, VREF = 5V, fSCK = fSCK(MAX) as defined in Recommended Operating
Conditions, unless otherwise noted.
TI I G CHARACTERISTICS
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Sampling
Frequency
Supply Current vs Temperature
Sleep Current vs Temperature
SAMPLING FREQUENCY (kHz)
0.01
1000
100
10
1
0.1
0.01
100
1860/61 G01
0.1
1.0
10
1000
CONV LOW = 800ns
T
A = 25°C
VCC = 5V
TEMPERATURE (
°C)
–50
1000
800
600
400
200
0
0
50
75
1860/61 G02
–25
25
100
125
CONV HIGH = 3.2
µS
fSMPL = 250kHz
VCC = 5V
VREF = 5V
TEMPERATURE (
°C)
–50
1000
900
800
700
600
500
400
300
200
100
0
0
50
75
1860/61 G03
–25
25
100
125
CONV = VCC = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com