Electronic Components Datasheet Search
  English  ▼

X  

LTC1860CS8 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1860CS8
Description  mPower, 12-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1860CS8 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1860CS8 Datasheet HTML 4Page - Linear Technology LTC1860CS8 Datasheet HTML 5Page - Linear Technology LTC1860CS8 Datasheet HTML 6Page - Linear Technology LTC1860CS8 Datasheet HTML 7Page - Linear Technology LTC1860CS8 Datasheet HTML 8Page - Linear Technology LTC1860CS8 Datasheet HTML 9Page - Linear Technology LTC1860CS8 Datasheet HTML 10Page - Linear Technology LTC1860CS8 Datasheet HTML 11Page - Linear Technology LTC1860CS8 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1860/LTC1861
18601f
Figure 1. LTC1860 Operating Sequence
Figure 3. LTC1860 with Rail-to-Rail Input Span
Figure 2. LTC1860 Transfer Curve
APPLICATIO S I FOR ATIO
CONV
tCONV
SCK
SDO
12
11
10
9
8
7
6
5
4
3
2
1
B11 B10
B8B6
B4B2
B0*
Hi-Z
1860 F01
Hi-Z
B9
B7
B5
B3
B1
SLEEP MODE
tSMPL
*AFTER COMPLETING THE DATA TRANSFER, IF FURTHER
SCK CLOCKS ARE APPLIED WITH CONV LOW, THE ADC
WILL OUTPUT ZEROS INDEFINITELY
VIN*
*VIN = IN
+ – IN–
0 0 0 0 0 0 0 0 0 0 0 1
0 0 0 0 0 0 0 0 0 0 0 0
1 1 1 1 1 1 1 1 1 1 1 1
1 1 1 1 1 1 1 1 1 1 1 0
•
•
•
1860 F02
1
2
3
4
8
7
6
5
VREF
IN+
IN–
GND
VCC
SCK
SDO
CONV
LTC1860
1860 F03
VIN = 0V TO VCC
VCC
1
µF
SERIAL DATA LINK TO
ASIC, PLD, MPU, DSP
OR SHIFT REGISTERS
LTC1861 OPERATION
Operating Sequence
The LTC1861 conversion cycle begins with the rising edge
of CONV. After a period equal to tCONV, the conversion is
finished. If CONV is left high after this time, the LTC1861
goes into sleep mode. The LTC1861’s 2-bit data word is
clocked into the SDI input on the rising edge of SCK after
CONV goes low. Additional inputs on the SDI pin are then
ignored until the next CONV cycle. The shift clock (SCK)
synchronizes the data transfer with each bit being trans-
mitted on the falling SCK edge and captured on the rising
SCK edge in both transmitting and receiving systems. The
data is transmitted and received simultaneously (full du-
plex). After completing the data transfer, if further SCK
clocks are applied with CONV low, SDO will output zeros
indefinitely. See Figure 4.
Analog Inputs
The two bits of the input word (SDI) assign the MUX
configuration for the next requested conversion. For a
given channel selection, the converter will measure the
voltage between the two channels indicated by the “+”
and “–” signs in the selected row of the following table.
In single-ended mode, all input channels are measured
with respect to GND (or AGND). A zero code will occur
when the “+” input minus the “–” input equals zero. Full
scale occurs when the “+” input minus the “–” input
equals VREF minus 1LSB. See Figure 5. Both the “+” and
“–” inputs are sampled at the same time so common
mode noise is rejected. The input span in the SO-8
package is fixed at VREF = VCC. If the “–” input in
differential mode is grounded, a rail-to-rail input span
will result on the “+” input.
Reference Input
The reference input of the LTC1861 SO-8 package is
internally tied to VCC. The span of the A/D converter is
therefore equal to VCC. The voltage on the reference input
of the LTC1861 MSOP package defines the span of the A/
D converter. The LTC1861 MSOP package can operate
with reference voltages from 1V to VCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com