Electronic Components Datasheet Search
  English  ▼

X  

320-970 Datasheet(PDF) 2 Page - Spelsberg

Part # 320-970
Description  Junction box
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPELSBERG [Spelsberg]
Direct Link  https://www.spelsberg.com/
Logo SPELSBERG - Spelsberg

320-970 Datasheet(HTML) 2 Page - Spelsberg

  320-970 Datasheet HTML 1Page - Spelsberg 320-970 Datasheet HTML 2Page - Spelsberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
JUNCTION BOX
HP 70-L
Other attributes
Equiqment:
None
Entries:
8
Rated cross section:
240 mm²
Tackable:
No
Rated insulation voltage AC:
400 V
Explosion safety:
none
Fire protection:
none
sealable:
No
Heavy metals-free:
Yes
PVC-free:
Yes
Silicone-free:
Yes
Ingress protection:
IP55 - acc. EN
60529 / DIN VDE
0470-1
Weatherproof:
No
Created on 2015-01-26. No responsibility is taken for the correctness of this information. Improvements for technical progress reserved.
Page 2 of 2
Günther Spelsberg GmbH + Co. KG · Im Gewerbepark 1 · D-58579 Schalksmühle · Germany · Phone: +49 (0) 23 55 / 892-0 · Fax: +49 (0) 23 55 / 892-299



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com