Electronic Components Datasheet Search
  English  ▼

X  

LT3748 Datasheet(PDF) 2 Page - Analog Devices

Part # LT3748
Description  LT3748 100V Isolated Flyback Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT3748 Datasheet(HTML) 2 Page - Analog Devices

  LT3748 Datasheet HTML 1Page - Analog Devices LT3748 Datasheet HTML 2Page - Analog Devices LT3748 Datasheet HTML 3Page - Analog Devices LT3748 Datasheet HTML 4Page - Analog Devices LT3748 Datasheet HTML 5Page - Analog Devices LT3748 Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1694bfa
DEMO MANUAL DC1694B
QUICK START PROCEDURE
Demo circuit 1694B is easy to set up to evaluate the
performance of the LT3748. Refer to Figure 1 for proper
measurement equipment setup and follow the procedure
below.
1. With power off, connect the input power supply to VIN
and GND.
2. Connect the load to the terminals VOUT+ and VOUT– on
the board. Apply a load between 100mA to 2.5A to the
output.
3. Turn on the power at the input. Increase VIN to 22V.
NOTE: Make sure that the input voltage does not exceed
75V.
4. Checkfortheproperoutputvoltages.Theoutputshould
be regulated at 12V (±5%).
NOTE: If there is no output, temporarily disconnect
the power supply. Make sure that the load is properly
connected. If the output voltage is out of spec, make
sure minimum load current is applied to the output,
the load is not set too high, and the DC power supply
does not hit the current limit.
NOTE: If higher operating voltage is required, power
componentswithhighervoltageratingsshouldbeused.
NOTE: The LT3748 requires minimum load to maintain
good regulation. A Zener diode D4 is placed between
VOUT+ and VOUT– to clamp the output voltage to ~13V
if minimum load requirement is not met. Depending on
input voltage and output regulation, a 100mA minimum
load is usually sufficient.
5. Oncetheproperoutputvoltageisestablished,adjustthe
input and load within the operating range and observe
the output voltage regulation, ripple voltage, efficiency
and other parameters.
NOTE: When measuring the input or output voltage
ripples, care must be taken to avoid a long ground lead
on the oscilloscope probe. Measure the input or output
voltage ripple by touching the probe tip directly across
the VIN and GND, or VOUT+ and VOUT– terminals. See
Figure 2 for proper scope probe technique.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com