Electronic Components Datasheet Search
  English  ▼

X  

DC1748A Datasheet(PDF) 4 Page - Analog Devices

Part # DC1748A
Description  LTM2883 SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DC1748A Datasheet(HTML) 4 Page - Analog Devices

  DC1748A Datasheet HTML 1Page - Analog Devices DC1748A Datasheet HTML 2Page - Analog Devices DC1748A Datasheet HTML 3Page - Analog Devices DC1748A Datasheet HTML 4Page - Analog Devices DC1748A Datasheet HTML 5Page - Analog Devices DC1748A Datasheet HTML 6Page - Analog Devices DC1748A Datasheet HTML 7Page - Analog Devices DC1748A Datasheet HTML 8Page - Analog Devices DC1748A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
dc1748af
DEMO MANUAL DC1748A
Demonstration circuit 1748A is easy to set up and evalu-
ate the performance of the LTM2883. Refer to Figure 2
for proper measurement equipment setup and follow the
procedure below.
NOTE: When measuring the input or output voltage ripple
or high speed signals, care must be taken to avoid a long
ground lead on the oscilloscope probe.
1. Install JP1 in the ON (default) position.
2. With power off, connect the input power supply to VCC
and GND on pin header J1.
QUICK START PROCEDURE
3. Turn on the power at the input.
NOTE: Make sure that the input voltage does not
exceed 6V.
4. Check for the proper output voltages. VCC2 = 5V,
V+ = 12.5V, and V– = –12.5V on pin header J2.
5. Once the proper output voltages are established, con-
nect signals to J1 and J2 pin headers as appropriate.
The header pin names and locations are detailed on the
demo board silkscreen below the pin headers.
Figure 2. Demo Board Setup



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com