Electronic Components Datasheet Search
  English  ▼

X  

LTM2883 Datasheet(PDF) 1 Page - Analog Devices

Part # LTM2883
Description  LTM2883 SPI/Digital or I²C μModule Isolator with Adjustable ±12.5V and 5V Regulated Power
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM2883 Datasheet(HTML) 1 Page - Analog Devices

  LTM2883 Datasheet HTML 1Page - Analog Devices LTM2883 Datasheet HTML 2Page - Analog Devices LTM2883 Datasheet HTML 3Page - Analog Devices LTM2883 Datasheet HTML 4Page - Analog Devices LTM2883 Datasheet HTML 5Page - Analog Devices LTM2883 Datasheet HTML 6Page - Analog Devices LTM2883 Datasheet HTML 7Page - Analog Devices LTM2883 Datasheet HTML 8Page - Analog Devices LTM2883 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
dc1748af
DEMO MANUAL DC1748A
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Input Supply Range
LTM2883-5
4.5
5
5.5
V
LTM2883-3
3.0
3
3.6
V
VCC2
Regulated Output Voltage
4.75
5
5.25
V
Adjustable Output Voltage Range
3.0
5.5
V
Maximum Load Current
20
mA
V+
Regulated Output Voltage
12
12.5
13
V
Adjustable Output Voltage Range
1.22
14
V
Maximum Load Current
20
mA
V–
Regulated Output Voltage
–12
–12.5
–13
V
Adjustable Output Voltage Range
–1.22
14
V
Maximum Load Current
15
mA
fMAX
Maximum Data Rate
DI1
→ O1, Ix → DOx, CL = 10pF
10
MHz
LTM2883-S, Bidirectional Communication
LTM2883-S, Unidirectional Communication
4
8
MHz
MHz
LTM2883-I
400
kHz
VIORM
Maximum Working Insulation Voltage
GND to GND2
560
400
VDC
VRMS
Common Mode Transient Immunity
30
kV/μs
DESCRIPTION
LTM2883 SPI/Digital or
I2C µModule Isolator with Adjustable ±12.5V
and 5V Regulated Power
Demonstration circuit 1748A is a serial peripheral interface
bus (SPI) or inter-IC bus (I2C) SPI/digital or I2C μModule
isolator with adjustable ±12.5V and 5V regulated power
featuring the LTM2883. The demo circuit features an EMI
optimized circuit configuration and printed circuit board
layout. All components are integrated into the μModule
isolator. The demo circuit operates from a single external
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
PERFORMANCE SUMMARY (TA = 25°C)
supply on VCC. The part generates output voltages on VCC2,
V+, and V–, which may be adjusted by external program-
ming resistors. It communicates all necessary signaling
across the isolation barrier through LTC’s isolator μModule
technology.
Design files for this circuit board are available at
http://www.linear.com/demo


Similar Part No. - LTM2883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
logo
Analog Devices
LTM2883 AD-LTM2883 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM2883 AD-LTM2883 Datasheet
1Mb / 22P
6500VRMS Isolated RS485/RS422 μModule Transceiver Power
Rev. B
LTM2883 AD-LTM2883 Datasheet
242Kb / 26P
I2C Slave Device Extender Over Rugged Differential Link
Rev. 0
More results

Similar Description - LTM2883

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM2883 LINER-LTM2883 Datasheet
759Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883_1211 LINER-LTM2883_1211 Datasheet
761Kb / 36P
SPI/Digital or I2C 關Module Isolator with Adjustable 짹12.5V and 5V Regulated Power
LTM2883 LINER-LTM2883_15 Datasheet
869Kb / 36P
SPI/Digital or I2C Module Isolator with Adjustable 12.5V and 5V Regulated Power
LTM2892 LINER-LTM2892_15 Datasheet
649Kb / 36P
SPI/Digital or I2C Module Isolator
LTM2886 LINER-LTM2886 Datasheet
999Kb / 38P
SPI/Digital or I2C 關Module Isolator with Fixed 짹5V and Adjustable 5V Regulated Power
LTM2887 LINER-LTM2887 Datasheet
591Kb / 38P
SPI/Digital or I2C 關Module Isolator with Dual Adjustable 5V Regulators
LTM2892 LINER-LTM2892 Datasheet
655Kb / 38P
SPI/Digital or I2C 關Module Isolator
logo
Maxim Integrated Produc...
MAX14483 MAXIM-MAX14483_V01 Datasheet
1,022Kb / 26P
6-Channel, Low-Power, 3.75kVRMS, SPI Digital Isolator
2020
logo
Analog Devices
LTM2810 AD-LTM2810 Datasheet
1Mb / 30P
7.5kVRMS SPI/Digital or I2C 關Module Isolator with Transformer Driver
Rev. A
LTM4700 AD-LTM4700 Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com