Electronic Components Datasheet Search
  English  ▼

X  

705-DC2134B Datasheet(PDF) 2 Page - Analog Devices

Part # 705-DC2134B
Description  LTC4020EUHF High Power Buck-Boost Multi‑Chemistry Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

705-DC2134B Datasheet(HTML) 2 Page - Analog Devices

  705-DC2134B Datasheet HTML 1Page - Analog Devices 705-DC2134B Datasheet HTML 2Page - Analog Devices 705-DC2134B Datasheet HTML 3Page - Analog Devices 705-DC2134B Datasheet HTML 4Page - Analog Devices 705-DC2134B Datasheet HTML 5Page - Analog Devices 705-DC2134B Datasheet HTML 6Page - Analog Devices 705-DC2134B Datasheet HTML 7Page - Analog Devices 705-DC2134B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
DEMO MANUAL DC2134B
Rev. 0
QUICK START PROCEDURE
Demonstration circuit 2134B is easy to set up to evaluate
the performance of the LTC4020. Refer to Figure 1 for
the proper measurement equipment setup and follow the
procedure below.
NOTE: Make sure that the voltage applied to VIN does not
exceed 55V. The combined converter output load current
and battery charging current should not exceed 8A.
1. With power off, connect the input power supply (set
for 0V) to VIN and GND (input return).
2. Connect the converter output load between VOUT and
GND (Initial load: no load).
3. Connect the DVMs to the input and outputs.
4. Turn on the input power supply and slowly increase
to 24V. Check for the proper output voltages, VOUT of
25.2V and BAT of 25.2V.
5. Oncetheproperoutputvoltagesareestablished,adjust
the converter output load within the operating range
(8A maximum) and/or adjust input voltage (15V to
55V) and observe the output voltage regulation, ripple
voltage, efficiency, and other parameters.
NOTE: When measuring the output or input voltage rip-
ple, do not use the long ground lead on the oscilloscope
probe. See Figure 2 for the proper scope probe technique.
Short, stiff leads need to be soldered to the (+) and (–)
terminals of an output capacitor. The probe’s ground ring
needs to touch the (–) lead and the probe tip needs to
touch the (+) lead.
WARNING:
BE CAREFUL WHEN TESTING WITH HIGH VOLT-
AGE. HIGH VOLTAGE CAN RESULT IN AN ELECTRIC
SHOCK IF CARE IS NOT TAKEN.
BATTERIES ARE POTENTIALLY DANGEROUS HIGH
ENERGY SOURCES. IMPROPER CONNECTION,
OVERCHARGE, OR RAPID DISCHARGE COULD
RESULT IN EXPLOSION AND/OR FIRE. PLEASE
READ THE SPECIFICATION/MANUAL OF THE BAT-
TERY BEFORE TEST.
Additional Notes
1. Without a proper battery, BAT output can be open or
connected with other suitable loads for test purposes.
It may be a good practice to add low ESR electrolytic
capacitors to the BAT output (≥1000μF at ≥35V, for
25.2V float voltage).
Note that hese capacitors help simulate the low imped-
ance of a battery and maintain stability of the charge
current loop. They are only needed for test purposes
with electronic or resistive loads, and not needed in
the actual battery application/test (where the BAT load
is a battery).
2. The 0Ω, 2512 jumper (R41) in series with the inductor
can be removed and a wire loop can be added in its
place to facilitate the use of a current probe.
3. BATfloatvoltagecanbeeasilyadjustedwiththeresistor
divider R44/R45. Converter output voltage VOUT can
be adjusted with the resistor divider R9/R11. Adjust/
optimize the loop compensations if necessary.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com