Electronic Components Datasheet Search
  English  ▼

X  

LT4295 Datasheet(PDF) 6 Page - Analog Devices

Part # LT4295
Description  LT4295, LT4321 High Efficiency IEEE802.3bt (PoE, Type 3, 40W) PD with PoE Ideal Diode Bridge
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT4295 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT4295 Datasheet HTML 2Page - Analog Devices LT4295 Datasheet HTML 3Page - Analog Devices LT4295 Datasheet HTML 4Page - Analog Devices LT4295 Datasheet HTML 5Page - Analog Devices LT4295 Datasheet HTML 6Page - Analog Devices LT4295 Datasheet HTML 7Page - Analog Devices LT4295 Datasheet HTML 8Page - Analog Devices LT4295 Datasheet HTML 9Page - Analog Devices LT4295 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Rev C
DEMO MANUAL
DC2475A-A
Figure 9: Setup Diagram for Auxiliary Supply Input
Auxiliary Supply Input
1. Place and connect test equipment (voltmeter, ammeter,
oscilloscope, and electronic load) as shown in Figure 9.
2. Turn down the electronic load to a minimum value and
turn off the electronic load.
3. Connect the output of the auxiliary supply to the
DC2475A as shown in Figure 9. Turn on the auxiliary
supply and set its current limit to 2A. Then increase its
output voltage to 48V.
QUICK START PROCEDURE
4. Once the LED (D4) on the DC2475A is lit, check the
output voltage using a voltmeter. Output voltage should
be within 12.0V ± 0.2V.
5. Turn on the electronic load and increase its load cur-
rent up to 3A. Observe the output voltage regulation,
efficiency, and other parameters.
6. Verify T2P response with an oscilloscope as shown
in Figure 9. The T2P response during auxiliary power
operation is provided in Table 2.
Table 2. T2P Response During Auxiliary Power Operation
T2P RESPONSE
PD OUTPUT POWER (W)
75% Logic High/25% Logic Low, Toggle at 976Hz ±7%
36
AMMETER
+
–
VOLTMETER
+
–
ELECTRONIC
LOAD
+
–
OSCILLOSCOPE
+
–
J1
AUXILIARY SUPPLY
+
–
(408) 432-1900
www.analog.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com