Electronic Components Datasheet Search
  English  ▼

X  

152S48S100 Datasheet(PDF) 3 Page - Johanson Technology Inc.

Part # 152S48S100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S48S100 Datasheet(HTML) 3 Page - Johanson Technology Inc.

  152S48S100 Datasheet HTML 1Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 2Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 3Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 4Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 5Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 6Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 7Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 8Page - Johanson Technology Inc. 152S48S100 Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
9
www.johansontechnology.com
RF Power Applications
0201 (R05) 0402
(R07S)
0603
(R14S)
0805
(R15S)
0805
(R15L)
1111
(S42E)
2525
(S48E)
3838
(S58E)
NPO
(R05L)
Capacitance
Toler-
ance
pF
Code
36
360
F
G
J
K
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
39
390
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
43
430
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
47
470
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
51
510
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
56
560
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
62
620
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
68
680
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
75
750
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
82
820
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
91
910
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
100
101
25/50 V
250 V
250 V
500V
1500V
3600V
3600V
7200V
110
111
250 V
300V
1500V
2500V
3600V
7200V
120
121
250 V
300V
1000V
2500V
3600V
7200V
130
131
250 V
300V
1000V
2500V
3600V
7200V
150
151
250 V
300V
1000V
2500V
3600V
7200V
160
161
250 V
300V
1000V
2500V
3600V
7200V
180
181
250 V
300V
1000V
2500V
3600V
7200V
200
201
250 V
300V
1000V
2500V
3600V
220
221
250 V
200V
1000V
2500V
3600V
240
241
200/500V
200V
600V
2500V
3600V
270
271
200/500V
200V
600V
2500V
3600V
300
301
200/500V
200V
600V
1500V
3600V
330
331
200/500V
200V
600V
1500V
3600V
360
361
200/500V
200V
600V
1500V
3600V
390
391
200/500V
200V
500V
1500V
3600V
430
431
F
G
J
K
200/500V
200V
500V
1500V
2500V
470
471
500V
200V
500V
1500V
2500V
510
511
100V
200V
500V
1000V
2500V
560
561
100V
200V
500V
1000V
2500V
620
621
100V
200V
500V
1000V
2500V
680
681
50V
200V
1000V
2500V
750
751
50V
200V
1000V
2500V
820
821
50V
200V
1000V
2500V
910
911
50V
200V
1000V
1000V
1000
102
50V
200V
1000V
1000V
1200
122
50V
1000V
1000V
1500
152
50V
500V
1000V
1800
182
50V
500V
1000V
2200
222
50V
300V
1000V
2700
272
300V
500V
3300
332
500V
3900
392
500V
4700
472
500V
5100
512
500V
10000
103
LOW ESR / HIGH-Q CAPACITOR SELECTION CHART
EIA Size
Cap. Value
Consult factory for Non-Standard values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com