Electronic Components Datasheet Search
  English  ▼

X  

D3016 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D3016
Description  12VA PCB MOUNTED TRANSFORMER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D3016 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D3016 Datasheet HTML 1Page - List of Unclassifed Manufacturers D3016 Datasheet HTML 2Page - List of Unclassifed Manufacturers D3016 Datasheet HTML 3Page - List of Unclassifed Manufacturers D3016 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DAGNALL ELECTRONICS LIMITED
Shuttleworth Road, Elms Industrial Estate, Bedford. MK41 0EP UK
TEL +44(0)1234 330077 FAX +44(0)1234 330088
E-mail sales@dagnall-electronics.com
THIS DOCUMENT IS THE PROPERTY OF DAGNALL ELECTRONICS LIMITED WHICH HOLDS THE COPYRIGHT IN THE DRAWING AND ALL
THE DESIGN RIGHTS IN THE PRODUCT OR COMPONENTS DESCRIBED. ANY INFORMATION SHALL NOT BE COPIED, REPRODUCED OR
DIVULGED TO A THIRD PARTY NOR SHALL THE PRODUCT OR COMPONENTS BE MADE, COPIED OR REPRODUCED OR ITS EXISTENCE
DISCLOSED TO A THIRD PARTY WITHOUT THE PRIOR CONSENT IN WRITING OF DAGNALL ELECTRONICS LIMITED.
IN THE INTEREST OF TECHNICAL IMPROVEMENT AND/OR CUSTOMER SERVICE DAGNALL ELECTRONICS RESERVES THE RIGHT TO
INTRODUCE MODIFIED SPECIFICATIONS TO ANY OF THE PRODUCTS ILLUSTRATED OR DESCRIBED IN THIS DATASHEET. E&OE
Iss 1 13/05/03
• 1 of 4
PRODUCT
DATASHEET
12VA PCB MOUNTED TRANSFORMER
Weight
0.4
Kg
Typical Regulation
12
%
Frequency
50/60
Hz
Max Ambient
25
o C
Bobbin Material
UL94-V0 Class “B” 130
oC
* requires additional over-current / over-temperature protection.
Please see sheet 2 for part numbers.
Designed, manufactured and tested in
accordance with;
BS3535, EN60742*, EN61558*, EN60950
CE Marked
Single 230V or Dual 115V primaries
Comprehensive choice of secondary voltages
Flame retardant bobbins and shrouds
Fully shrouded construction


Similar Part No. - D3016

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
D301 MICROCHIP-D301 Datasheet
3Mb / 416P
16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
2016-2018
logo
Coilcraft lnc.
D301 COILCRAFT-D301 Datasheet
100Kb / 1P
Designer’s Kits
logo
TOKO, Inc
D3010FB TOKO-D3010FB Datasheet
145Kb / 1P
Fixed Inductors for Surface Mounting
logo
List of Unclassifed Man...
D301RP ETC1-D301RP Datasheet
101Kb / 2P
Short Circuit Protected Regulated, 3W SIP DC/DC Converters
logo
MicroPower Direct, LLC
D301RU MPD-D301RU Datasheet
273Kb / 2P
D300RU SERIES
More results

Similar Description - D3016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ORD9702 ETC-ORD9702 Datasheet
111Kb / 2P
PCB MOUNTED LEDS
D3647 ETC2-D3647 Datasheet
296Kb / 4P
20VA CHASSIS MOUNTED TRANSFORMER
logo
Bedford Opto Technology...
ORD9702XY BOT-ORD9702XY Datasheet
34Kb / 2P
3mm PCB MOUNTED LEDS
logo
List of Unclassifed Man...
MS4515 ETC2-MS4515 Datasheet
250Kb / 13P
PCB Mounted Pressure Transducers
MS4525 ETC2-MS4525 Datasheet
535Kb / 13P
PCB Mounted Pressure Transducers
logo
Bel Fuse Inc.
SS-60300-014 BEL-SS-60300-014 Datasheet
670Kb / 2P
CAT6a PCB Mounted Jacks
logo
Hammond Manufacturing L...
185D230 HAMMOND-185D230 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
185C12 HAMMOND-185C12 Datasheet
220Kb / 1P
Low Voltage Chassis Mounted Power Transformer
logo
TE Connectivity Ltd
MS4515 TEC-MS4515 Datasheet
414Kb / 15P
PCB Mounted Pressure Transducers
logo
EHAOAN.
2424PT-6B EHAOAN-2424PT-6B Datasheet
1Mb / 7P
PCB Mounted Infrared Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com