Electronic Components Datasheet Search
  English  ▼

X  

152S58L100 Datasheet(PDF) 5 Page - Johanson Technology Inc.

Part # 152S58L100
Description  MULTI-LAYER HIGH-Q CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JOHANSON [Johanson Technology Inc.]
Direct Link  http://www.johansontechnology.com
Logo JOHANSON - Johanson Technology Inc.

152S58L100 Datasheet(HTML) 5 Page - Johanson Technology Inc.

  152S58L100 Datasheet HTML 1Page - Johanson Technology Inc. 152S58L100 Datasheet HTML 2Page - Johanson Technology Inc. 152S58L100 Datasheet HTML 3Page - Johanson Technology Inc. 152S58L100 Datasheet HTML 4Page - Johanson Technology Inc. 152S58L100 Datasheet HTML 5Page - Johanson Technology Inc. 152S58L100 Datasheet HTML 6Page - Johanson Technology Inc. 152S58L100 Datasheet HTML 7Page - Johanson Technology Inc. 152S58L100 Datasheet HTML 8Page - Johanson Technology Inc. 152S58L100 Datasheet HTML 9Page - Johanson Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
11
www.johansontechnology.com
BENIFITS OF USING ORIENTED CAPACITORS
www.johansontechnology.com
Size
Units
Length
Width
Thickness
End Band
EIA 0201
In
.024 ±.001
.012 ±.001
.012 ±.001
.008 Max.
Metric (0603)
mm
(0.60 ±0.03) (0.30 ±0.03)
(0.30 ±0.03)
(0.20 Max.)
EIA 0402
In
.040 ±.004
.020 ±.004
.020 ±.004
.010 ±.006
Metric (1005)
mm
(1.02 ±0.1)
(0.51 ±0.1)
(0.51 ±0.1)
(0.25 ±.15)
EIA 0603
In
.062 ±.006
.032 ±.006
.030 +.005/-.003
.014 ±.006
Metric (1608)
mm
(1.57 ±0.15) (0.81 ±0.15)
(0.76 +.13-.08)
(0.35 ±.15)
EIA 0805
In
.080 ±.008
.050 ±.008
.040 ±.006
.020 ±.010
Metric (2012)
mm
(2.03 ±0.20) (1.27 ±0.20)
(1.02 ±.15)
(0.50 ±.25)
MECHANICAL CHARACTERISTICS
Horizontal Electrode Orientation
Vertical Electrode Orientation
HORIZONTAL AND VERTICLE ORIENTED CAPACITORS
APPLICATIONS & FEATURES
Size:
EIA 0201, 0805, 1111
Performance:
SRF’s up to 20 GHz, Ultra High Q, Tight tolerance, Ultralow ESR
Termination:
Ni/Au, Ni/Sn, Ni/SnPb
Applications:
High Frequency Wireless Communications, Portable Wireless Products, Battery Powered
Products
• Consistent Orientation - Improved repeatability of production circuits.
• Consistent Orientation - More consistent filter performance.
• Vertical Orientation - The elimination of parallel frequencies.
• Vertical Orinetation - Lower inductance for a given capacitor.
• Horizontal Orientation - Lower coupling between adjacent capacitors.
RoHS Compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com