Electronic Components Datasheet Search
  English  ▼

X  

FXC.16.B Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FXC.16.B
Description  FXC.16.B Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.16.B Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FXC.16.B Datasheet HTML 1Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 2Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 3Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 4Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 5Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 6Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 7Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 8Page - Taoglas antenna solutions FXC.16.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SPE-24-8-100-A
Part No:
FXC.16.B Series
Description:
NFC Flex Antenna (⌀16*0.3mm) with a Reverse Ferrite Layer and adhesive
backing
Features:
13.56 MHz Antenna
Reverse Ferrite Layer
Flexible Low Profile Embedded
Dimensions:
•
Diameter: 16mm
•
FXC.16.B.dg - NFC with ferrite
•
FXC.16.52.0075X.B.dg - NFC with ferrite and 75mm Twisted Pair 28AWG
cable with ACH(F) connector
Peel and stick 3M adhesive
RoHS & Reach Compliant


Similar Part No. - FXC.16.B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.16.52.0075X.A.DG TAOGLAS-FXC.16.52.0075X.A.DG Datasheet
1Mb / 15P
FXC.16 Series
Revision: A 2022-09-01
FXC.16.A TAOGLAS-FXC.16.A Datasheet
1Mb / 15P
FXC.16 Series
Revision: A 2022-09-01
FXC.16.A.DG TAOGLAS-FXC.16.A.DG Datasheet
1Mb / 15P
FXC.16 Series
Revision: A 2022-09-01
More results

Similar Description - FXC.16.B

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1771587 PHOENIX-1771587 Datasheet
107Kb / 3P
HC-B 16-AMQ
1771600 PHOENIX-1771600 Datasheet
98Kb / 3P
HC-B 16-AFQD
logo
ERNI Electronics
064766 ERNI-064766 Datasheet
440Kb / 1P
ERMET MESSERLEISTE B 16
logo
PHOENIX CONTACT
1584664 PHOENIX-1584664 Datasheet
88Kb / 3P
HC-B 16-LB
1687891 PHOENIX-1687891 Datasheet
167Kb / 5P
HC-B 16-ESTZ
1771464 PHOENIX-1771464 Datasheet
160Kb / 6P
HC-B 16-EBUS
1771477 PHOENIX-1771477 Datasheet
167Kb / 5P
HC-B 16-EBUC
1771480 PHOENIX-1771480 Datasheet
162Kb / 6P
HC-B 16-ESTS
1771493 PHOENIX-1771493 Datasheet
178Kb / 6P
HC-B 16-ESTC
logo
HARTING Technology Grou...
09-30-000-9993 HARTING-09-30-000-9993 Datasheet
472Kb / 2P
Han B 16 Gasket
2021-11-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com