Electronic Components Datasheet Search
  English  ▼

X  

FXC.16 Datasheet(PDF) 7 Page - Taoglas antenna solutions

Part # FXC.16
Description  FXC.16 Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.16 Datasheet(HTML) 7 Page - Taoglas antenna solutions

Back Button FXC.16 Datasheet HTML 3Page - Taoglas antenna solutions FXC.16 Datasheet HTML 4Page - Taoglas antenna solutions FXC.16 Datasheet HTML 5Page - Taoglas antenna solutions FXC.16 Datasheet HTML 6Page - Taoglas antenna solutions FXC.16 Datasheet HTML 7Page - Taoglas antenna solutions FXC.16 Datasheet HTML 8Page - Taoglas antenna solutions FXC.16 Datasheet HTML 9Page - Taoglas antenna solutions FXC.16 Datasheet HTML 10Page - Taoglas antenna solutions FXC.16 Datasheet HTML 11Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
SPE-22-8-126-A
www.taoglas.com
3.3
The POS machine used for test
The next picture shows the POS machine using to measure the Card emulation performance of the
FXC.16 Series NFC antennas.
ACR122 is a PC-linked contactless smart card reader/writer developed on the 13.56MHz Contactless
(RFID) Technology and followed the ISO/IEC18092 Standard for Near Field Communication (NFC),
supporting not only MIFACE® ISO 14443 A and B cards but also NFC and FELICA contactless
technologies.
The ACR122 is a USB Plug and Play device with CCID compliance. By making use of up to 424 Kbps for
NFC Tag access and full USB speed of up to 12 Mbps, the ACR122 can read and write faster and more
efficiently. The proximity operating distance of ACR122 is up to 5 cm, depending on the type of
contactless tag in use. Operating distance can be extended on request by adding an RF boaster, so the
ACR122 is suitable for logistics and supply chain management.
T6-BU-00-00 is a 13.56MHz high frequency readable and writable device, a USB drive-free RFID reader
card which supports ISO14443 standard protocol Class A card reading and writing read and write. Also,
T6-BU-00-00 is a module that can be set to read and write a chip card that supports the ISO15693
standard protocol.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com