Electronic Components Datasheet Search
  English  ▼

X  

FXC.24 Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # FXC.24
Description  FXC.24 Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.24 Datasheet(HTML) 5 Page - Taoglas antenna solutions

  FXC.24 Datasheet HTML 1Page - Taoglas antenna solutions FXC.24 Datasheet HTML 2Page - Taoglas antenna solutions FXC.24 Datasheet HTML 3Page - Taoglas antenna solutions FXC.24 Datasheet HTML 4Page - Taoglas antenna solutions FXC.24 Datasheet HTML 5Page - Taoglas antenna solutions FXC.24 Datasheet HTML 6Page - Taoglas antenna solutions FXC.24 Datasheet HTML 7Page - Taoglas antenna solutions FXC.24 Datasheet HTML 8Page - Taoglas antenna solutions FXC.24 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
SPE-22-8-127-A
www.taoglas.com
3.1
Test Setup
A test fixture is used to measure the maximum interrogation distance. The FXC.24.A antenna is
connected to NFC evaluation boards and then placed under the PC material blocks to communicate with
the standard card above them.
When the number of the PC material blocks are carefully adjusted until the reader can no longer read
the sample, that’s mean in this point the FXC.24.A cannot establish communication with the standard
card or the POS machine, the thickness of the PC material block is the maximum interrogation distance
of them.
3.
Antenna Application
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns
4.
Antenna Radiation Patterns
4.
Antenna Radiation Patterns
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics
The standard
card
FXC.24.A
The Demo
boards
PC blocks
The POS
machines
PC blocks
The Demo
boards
FXC.24.A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com