Electronic Components Datasheet Search
  English  ▼

X  

FXC.30.B Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FXC.30.B
Description  FXC.30.B Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.30.B Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FXC.30.B Datasheet HTML 1Page - Taoglas antenna solutions FXC.30.B Datasheet HTML 2Page - Taoglas antenna solutions FXC.30.B Datasheet HTML 3Page - Taoglas antenna solutions FXC.30.B Datasheet HTML 4Page - Taoglas antenna solutions FXC.30.B Datasheet HTML 5Page - Taoglas antenna solutions FXC.30.B Datasheet HTML 6Page - Taoglas antenna solutions FXC.30.B Datasheet HTML 7Page - Taoglas antenna solutions FXC.30.B Datasheet HTML 8Page - Taoglas antenna solutions FXC.30.B Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SPE-24-8-101-A
Part No:
FXC.30.B Series
Description:
NFC Flex Antenna (⌀30*0.3mm) with a Reverse Ferrite Layer and adhesive
backing
Features:
13.56 MHz Antenna
Reverse Ferrite Layer
Flexible Low Profile Embedded
Dimensions:
•
Diameter: 30mm
•
FXC.30.B.dg - NFC with ferrite
•
FXC.30.52.0075X.B.dg - NFC with ferrite and 75mm Twisted Pair 28AWG
cable with ACH(F) connector
Peel and stick 3M adhesive
RoHS & Reach Compliant


Similar Part No. - FXC.30.B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.30.52.0075X.A.DG TAOGLAS-FXC.30.52.0075X.A.DG Datasheet
1Mb / 15P
FXC.30 Series
Revision: A 2022-09-01
FXC.30.A TAOGLAS-FXC.30.A Datasheet
1Mb / 15P
FXC.30 Series
Revision: A 2022-09-01
FXC.30.A.DG TAOGLAS-FXC.30.A.DG Datasheet
1Mb / 15P
FXC.30 Series
Revision: A 2022-09-01
More results

Similar Description - FXC.30.B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
B11LS MACOM-B11LS Datasheet
55Kb / 1P
CONNECTORS B SERIES
logo
Littelfuse
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
SL1021A/B, SL1024A/B and PMT8 Series
SL1021A600RF LITTELFUSE-SL1021A600RF Datasheet
380Kb / 5P
SL1021A/B, SL1024A/B and PMT8 Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
SL1021A/B, SL1024A/B and PMT8 Series
logo
Keysight Technologies
DSO1000A KEYSIGHT-DSO1000A Datasheet
1Mb / 15P
DSO1000A/B Series
logo
PHOENIX CONTACT
1406354 PHOENIX-1406354 Datasheet
179Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-B/R4QE8:30
1406355 PHOENIX-1406355 Datasheet
186Kb / 4P
RJ45 connector - CUC-IND-C1ZNI-B/R4QP8:30
logo
TRACO Electronic AG
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com