Electronic Components Datasheet Search
  English  ▼

X  

FXC.30 Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FXC.30
Description  FXC.30 Series
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXC.30 Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FXC.30 Datasheet HTML 1Page - Taoglas antenna solutions FXC.30 Datasheet HTML 2Page - Taoglas antenna solutions FXC.30 Datasheet HTML 3Page - Taoglas antenna solutions FXC.30 Datasheet HTML 4Page - Taoglas antenna solutions FXC.30 Datasheet HTML 5Page - Taoglas antenna solutions FXC.30 Datasheet HTML 6Page - Taoglas antenna solutions FXC.30 Datasheet HTML 7Page - Taoglas antenna solutions FXC.30 Datasheet HTML 8Page - Taoglas antenna solutions FXC.30 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SPE-22-8-128-A
Part No:
FXC.30 Series
Description:
Circular Form Factor Flexible Near Field Communications Antenna
Features:
13.56 MHz Antenna
Flexible Low Profile Embedded
Typical interrogation distance: 40 mm
Dimensions:
•
Diameter: 30 mm
•
Thickness: 0.14 mm - FXC.30.A - NFC without ferrite
•
Thickness: 0.27 mm - FXC.30.A.dg - NFC with ferrite
•
Thickness: 0.27 mm - FXC.30.52.0075X.A.dg - NFC with ferrite and 75mm
twisted cable.
Peel and stick 3M adhesive
RoHS & Reach Compliant


Similar Part No. - FXC.30

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXC.30.52.0075X.B.DG TAOGLAS-FXC.30.52.0075X.B.DG Datasheet
1Mb / 14P
FXC.30.B Series
Revision: A 2024-06-14
FXC.30.B TAOGLAS-FXC.30.B Datasheet
1Mb / 14P
FXC.30.B Series
Revision: A 2024-06-14
FXC.30.B.DG TAOGLAS-FXC.30.B.DG Datasheet
1Mb / 14P
FXC.30.B Series
Revision: A 2024-06-14
More results

Similar Description - FXC.30

ManufacturerPart #DatasheetDescription
logo
Power-One
HAS030YG POWER-ONE-HAS030YG Datasheet
229Kb / 3P
HAS SERIES - 30 WATT
logo
Hirose Electric
SR30-10PE-4P HIROSE-SR30-10PE-4P Datasheet
204Kb / 4P
SR 30 SERIES CONNECTORS
logo
XP Power Limited
JTL3048S15 XPPOWER-JTL3048S15 Datasheet
291Kb / 2P
30 Watts JTL Series
RDC30110D05 XPPOWER-RDC30110D05 Datasheet
148Kb / 2P
30 Watts RDC Series
logo
List of Unclassifed Man...
SR30-P ETC2-SR30-P Datasheet
266Kb / 4P
SR 30 SERIES CONNECTORS
logo
XP Power Limited
JCK30 XPPOWER-JCK30 Datasheet
101Kb / 2P
30 Watts JCK Series
logo
TRACO Electronic AG
TEN30 TRACOPOWER-TEN30 Datasheet
903Kb / 5P
TEN 30 Series, 30 Watt
Rev. November 30, 2022
THM30 TRACOPOWER-THM30 Datasheet
978Kb / 5P
DC/DC Medical Converter THM 30 Series, 30 Watt
Rev. November 30, 2022
THN30 TRACOPOWER-THN30 Datasheet
918Kb / 4P
DC/DC Converter THN 30 Series, 30 Watt
Rev. November 30, 2022
TEL30 TRACOPOWER-TEL30 Datasheet
290Kb / 3P
DC/DC Converters TEL 30 Series, 30 Watt
Rev. August 30, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com