Electronic Components Datasheet Search
  English  ▼

X  

CPPL48WBLY Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # CPPL48WBLY
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CPPL48WBLY Datasheet(HTML) 3 Page - PANDUIT CORP.

  CPPL48WBLY Datasheet HTML 1Page - PANDUIT CORP. CPPL48WBLY Datasheet HTML 2Page - PANDUIT CORP. CPPL48WBLY Datasheet HTML 3Page - PANDUIT CORP. CPPL48WBLY Datasheet HTML 4Page - PANDUIT CORP. CPPL48WBLY Datasheet HTML 5Page - PANDUIT CORP. CPPL48WBLY Datasheet HTML 6Page - PANDUIT CORP. CPPL48WBLY Datasheet HTML 7Page - PANDUIT CORP. CPPL48WBLY Datasheet HTML 8Page - PANDUIT CORP. CPPL48WBLY Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TM
3
Network Infrastructure for the Enterprise
www.panduit.com
For service and technical support, call 1-800-PANDUIT.
PUL6AM04WH-CEG
Copper Cable
Part Number
Description
UOM
MOQ
Shielded
PFL6X04WH-CEG
Category 6A cable, 4-pair, 23 AWG, F/UTP, LSZH, White.
Roll
18
PFZ6X04WH-CEG*
Category 6A cable, 4-pair, 23 AWG, F/UTP, LSZH
60332-3), White.
Roll
18
Unshielded
PUR6AM04BU-CG
Category 6A cable, 4-pair, 23 AWG, UTP, CMR, Blue.
Roll
20
PUL6AM04WH-CEG
Category 6A cable, 4-pair, 23 AWG, U/UTP, LSZH, White.
Roll
18
PUZ6AM04WH-CEG
Category 6A cable, 4-pair, 23 AWG, U/UTP, LSZH (60332-3),
White.
Roll
18
PUR6ASD04BU-CG
Category 6A (SD) cable, 4-pair, 26 AWG, UTP, CMR, Blue.
Foot
27,000
PUL6ASD04WH-EG
Category 6A (SD) cable, 4-pair, 26 AWG, UTP, LSZH, White.
Roll
18
PUR6004BUY
Enhanced Category 6 cable, 4-pair, 23 AWG UTP, CMR, Blue.
Roll
27
PUL6004BUY
Enhanced Category 6 cable, 4-pair, 23 AWG UTP, LSZH, Blue.
Roll
27
PUZ6004WH-CEG*
Enhanced Category 6 cable, 4-pair, 23 AWG UTP, LSZH,
(60332-3), White.
Roll
24
Outside Plant Cable
PUO6C04BL-U
Category 6 outside plant cable, 4-pair, 23 AWG, UTP, Black.
Foot
9000
Note: F/UTP means Foil around Unshielded Twisted Pairs = shielded cable.
LSZH means Low Smoke Zero Halogen.
RJ45 Jack Module
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Unshielded
CJ6X88TGBL
Category 6A RJ45 UTP Mini-Com™ Jack, Black.
1
50
CJ6X88TGBU
Category 6A RJ45 UTP Mini-Com™ Jack, Blue.
1
50
CJ6X88TGIW
Category 6A RJ45 UTP Mini-Com™ Jack, International White.
1
50
CJ6X88TGWH
Category 6A RJ45 UTP Mini-Com™ Jack, White.
1
50
CJ688TGBL
Category 6 RJ45 UTP Mini-Com™ Jack, Black.
1
50
CJ688TGBU
Category 6 RJ45 UTP Mini-Com™ Jack, Blue.
1
50
CJ688TGIW
Category 6 RJ45 UTP Mini-Com™ Jack, International White.
1
50
CJ688TGWH
Category 6 RJ45 UTP Mini-Com™ Jack, White.
1
50
Right Angle Termination Caps
CJRCAPBU
Right angle termination cap for CJ6X88TG.
10
100
CJRCAPIW
Right angle termination cap for CJ688TG.
10
100
Modular Plugs
SP688-C
8-position, 8-wire modular plug, for use with 24 AWG, Category 6,
UTP copper cable.
100
1000
SP6X88-C
8-position, 8-wire modular plug, for use with TX6A 10 Gbe UTP
copper cable.
100
1000
Shielded
CJS6X88TGY
Category 6A RJ45 shielded Mini-Com™ Jack, Black.
1
50
Contact Panduit Customer Service for other colors and bulk packs.
Category 6A and Category 6 jack modules are available in Red (RD): CJ6X88TGRD and CJ688TGRD.
CJ6X88TGBL
CJS688TGY
PUL6004BUY
< Previous Page Table of Contents Next Page >
CJRCAPBU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com