Electronic Components Datasheet Search
  English  ▼

X  

1554MPB Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 1554MPB
Description  Purchased assembly includes box, lid, 4 cover screws, and preformed silicone gasket. Polycarbonate version is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 22.5mm push buttons
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

1554MPB Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  1554MPB Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Polycarbonate RAL‐7035
1554MPB1A
Steel Inner Panels
1554EPL
Steel Panel / P.C. Board (Pkg 100)
[M3-0.5 x 8mm Plated]
1591MM100
Steel Panel / P.C. Board Self Tapping Screw
[#6 X 1/4" (6.4mm) Plated] (Pkg 100)
1598ATS100
Cover Screws (Pkg 50)
[M4-0.7 X 20mm Stainless Steel]
SC576-50
ACCESSORIES
NOTE
Purchased assembly includes box, lid, 4 cover screws, and
preformed silicone gasket.
Polycarbonate version is UL 508A approved. (Matl UL94 - 5VA @ 3mm)
Lid accepts 22.5mm push buttons
1554MPB
Recommended Cover screw torque -- 43-57 ozf-in (30-40 cN-m)
1554MPB Enclosure
ASSEMBLY
SECTION A-A
STEEL INNER PANEL
SECTION B-B
BOX - INSIDE
LID - INSIDE
1554MPB1A
Dimensions:
mm
[inches]
www.hammondmfg.com
®
A
A
B
B
90.00
[3.54]
90.00
[3.54]
90.00
[3.54]
2.79
[.11]
2X
3.73
[.15]
4X
70.00
[2.76]
43.51
[1.71]
38.71
[1.52]
61.75
[2.43]
77.47
[3.05]
78.41
[3.09]
58.01
[2.28]
78.00
[3.07]
6.00
[.24]
84.00
[3.31]
84.00
[3.31]
4.00
[.16]
4X
(MOUNTING HOLES)
65.00
[2.56]
45.00
[1.77]
84.00
[3.31]
70.00
[2.76]
57.00
[2.24]
43.50
[1.71]
22.5
[.89]
12.75
[.50]
2.99
[.12]
45.00
[1.77]
42.00
[1.65]
81.00
[3.19]
81.00
[3.19]
62.00
[2.44]
(ORDERED SEPARATELY)
SEE ENCLOSURE 1554EE
FOR MORE DETAIL
Enclosures can be Factory Modified ( Milling, Drilling, Printing etc.)
Contact Factory
mjm@hammondmfg.com for quotes
Solid models of this enclosure available in STEP or IGES.
(Part number and text placement/orientation on our products are subject to change,
we do not recommend using them as a locating reference for modification purposes)
75.00
[2.95]
POLYCARBONATE
VERSION ONLY
FILE #E65324
TYPE 4,4X,6,6P
C
US LISTED
UL
®
O


Similar Part No. - 1554MPB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1554MPB HAMMOND-1554MPB Datasheet
636Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 22.5mm push buttons
1554MPB HAMMOND-1554MPB Datasheet
640Kb / 1P
Purchased assembly inc ludes box, lid, 6 cover sc rews , and preformed s ilicone gas ket. Polycarbonate vers ion is UL 508A approved. (Matl UL94 - 5VA @ 3mm) Lid accepts 22.5mm push buttons
1554MPB1 HAMMOND-1554MPB1 Datasheet
226Kb / 1P
DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB1 HAMMOND-1554MPB1 Datasheet
169Kb / 2P
Bo챤tier pour boutons-poussoirs en polycarbonate de type 4, 4X
1554MPB1 HAMMOND-1554MPB1 Datasheet
100Kb / 2P
Type 4, 4X Polycarbonate Pushbutton Enclosure 1554PB Series
More results

Similar Description - 1554MPB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590GBK HAMMOND-1590GBK Datasheet
137Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1590FBK HAMMOND-1590FBK Datasheet
133Kb / 1P
Purchased assembly includes box, lid and 4 cover screws.
1551WHFL HAMMOND-1551WHFL Datasheet
404Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 23.03.2021
1551WH HAMMOND-1551WH Datasheet
416Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WK HAMMOND-1551WK Datasheet
384Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WKFL HAMMOND-1551WKFL Datasheet
407Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WT HAMMOND-1551WT Datasheet
383Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WTFL HAMMOND-1551WTFL Datasheet
385Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 23.03.2021
1551WX HAMMOND-1551WX Datasheet
332Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 24.03.2021
1551WXFL HAMMOND-1551WXFL Datasheet
346Kb / 1P
Purchased assembly includes box, lid, gasket, 4 cover screws. Polycarbonate material is rated UL94 - V0
REV: 23.03.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com