Electronic Components Datasheet Search
  English  ▼

X  

CFP2IW Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # CFP2IW
Description  Network Infrastructure for the Enterprise
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

CFP2IW Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button CFP2IW Datasheet HTML 2Page - PANDUIT CORP. CFP2IW Datasheet HTML 3Page - PANDUIT CORP. CFP2IW Datasheet HTML 4Page - PANDUIT CORP. CFP2IW Datasheet HTML 5Page - PANDUIT CORP. CFP2IW Datasheet HTML 6Page - PANDUIT CORP. CFP2IW Datasheet HTML 7Page - PANDUIT CORP. CFP2IW Datasheet HTML 8Page - PANDUIT CORP. CFP2IW Datasheet HTML 9Page - PANDUIT CORP. CFP2IW Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Network Infrastructure for the Enterprise
TM
Order number of pieces required, in multiples of Standard Package Quantity.
6
Fiber Optic Cable
Part Number
Description
UOM
MOQ
Indoor/Outdoor Cable
FOCRZ12Y
12-fiber OM4 multimode riser rated indoor/outdoor central cable.
Feet
1640
FQCLZ12
12-fiber OM4 multimode riser LSZH indoor/outdoor central cable.
Feet
1640
FOCRX06Y
6-fiber OM3 multimode riser rated indoor/outdoor central cable.
Feet
1640
FOCRX12Y
12-fiber OM3 multimode riser rated indoor/outdoor central cable.
Feet
1640
FSCR912Y
12-fiber OS2 singlemode riser rated indoor/outdoor central cable.
Feet
1640
FSNR924Y
24-fiber OS2 singlemode riser rated indoor/outdoor central cable.
Feet
1640
Distribution Cable
FODRZ12Y
12-fiber OM4 multimode riser distribution cable.
Feet
1640
FQDLZ12
12-fiber OM4 multimode riser LSZH distribution cable.
Feet
1640
FODRX06Y
6-fiber OM3 multimode riser rated distribution cable.
Feet
1640
FODRX12Y
12-fiber OM3 multimode riser rated distribution cable.
Feet
1640
FSDR912Y
12-fiber OS2 singlemode riser rated distribution cable.
Feet
1640
FSDR924Y
24-fiber OS2 singlemode riser rated distribution cable.
Feet
1640
Outside Plant Stranded Cable
FSTN912
12-fiber OS2 singlemode non-rated outside plant stranded cable.
Feet
1640
FSTN924
24-fiber OS2 singlemode non-rated outside plant stranded cable.
Feet
1640
Outside Plant Armored Cable
FOWNZ06
6-fiber OM4 multimode non-rated outside plant armored cable.
Feet
3281
FOWNZ12
12-fiber OM4 multimode non-rated outside plant armored cable.
Feet
3281
FOWNX06
6-fiber OM3 multimode non-rated outside plant armored
stranded cable.
Feet
3281
FSWN912
12-fiber OS2 singlemode non-rated outside plant armored
stranded cable.
Feet
3281
FSWN924
24-fiber OS2 singlemode non-rated outside plant armored
stranded cable.
Feet
3281
< Previous Page Table of Contents Next Page >
Part Number
Description
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
Fiber Build Up Kits
FO12CB
Build up 250μm fiber to 900μm loose buffered coating size; for
twelve fibers.
1
1
FO6CB
Build up 250μm fiber to 900μm loose buffered coating size; for
six fibers.
1
1
Fiber Build Up Kits
FSCR
FO12CB
FOWN
Additional flame ratings available upon request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com