Electronic Components Datasheet Search
  English  ▼

X  

CHA5293A Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA5293A
Description  17-24GHz High Power Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5293A Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA5293A Datasheet HTML 1Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 2Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 3Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 4Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 5Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 6Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 7Page - United Monolithic Semiconductors CHA5293A Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
17-24GHz High Power Amplifier
CHA5293a
Ref. : DSCHA5293a6354 - 20 Dec 06
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical on Jig Measurements
( including 1dB loss for the gain)
Bias conditions: Vd=6V, Vg tuned for Id = 800mA
-20
-15
-10
-5
0
5
10
15
20
25
12
14
16
18
20
22
24
26
28
Frequency (GHz)
S11
S22
Linear Gain & Return Losses versus frequency
11
13
15
17
19
21
23
25
27
29
31
33
35
37
17
18
19
20
21
22
23
24
frequency (GHz)
Linear Gain (dB)
Output power @ 1dB comp.
Output power @ 3dB comp.
PAE@ 1dB comp.
Linear Gain, Ouput power@ 1dB & 3dB compression, PAE@ 1dB comp.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com