Electronic Components Datasheet Search
  English  ▼

X  

CHA5294 Datasheet(PDF) 1 Page - United Monolithic Semiconductors

Part # CHA5294
Description  30-40GHz Medium Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA5294 Datasheet(HTML) 1 Page - United Monolithic Semiconductors

  CHA5294 Datasheet HTML 1Page - United Monolithic Semiconductors CHA5294 Datasheet HTML 2Page - United Monolithic Semiconductors CHA5294 Datasheet HTML 3Page - United Monolithic Semiconductors CHA5294 Datasheet HTML 4Page - United Monolithic Semiconductors CHA5294 Datasheet HTML 5Page - United Monolithic Semiconductors CHA5294 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CHA5294
RoHS COMPLIANT
Ref. : DSCHA52946237 - 25 Aug 06
1/6
Specifications subject to change without notice
United Monolithic Semiconductors S.A.S.
Route Départementale 128 - B.P.46 - 91401 Orsay Cedex France
Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
30-40GHz Medium Power Amplifier
GaAs Monolithic Microwave IC
Description
The CHA5294 is a high gain four-stage monolithic
medium power amplifier. It is designed for a wide
range of applications, from military to commercial
communication systems. The backside of the chip is
both RF and DC grounded. This helps to simplify the
assembly process.
The circuit is manufactured with a PM-HEMT
process, 0.15µm gate length, via holes through the
substrate, air bridges and electron beam gate
lithography.
It is available in chip form.
Main Features
¦
Performances : 30-40GHz
¦
24dBm output power @ 1dB comp.
¦
26 dB gain
¦
DC power consumption, 500mA @ 4V
¦
Chip size :
4.10 x 1.42 x 0.07 mm
Vd1
Vd2
Vd3
Vd4
Vg1
Vg2
Vg3
Vg4
IN
OUT
Typical on jig Measurements
16
18
20
22
24
26
28
30
30
32
34
36
38
40
Frequency GHz
Linear Gain (dB)
Pout@-1dB
(dBm)
Main Characteristics
Tamb. = 25°C
Symbol
Parameter
Min
Typ
Max
Unit
Fop
Operating frequency range
30
40
GHz
G
Small signal gain
26
dB
P1dB
Output power at 1dB gain compression
24
dBm
Id
Bias current
500
mA
ESD Protection : Electrostatic discharge sensitive device. Observe handling precautions !


Similar Part No. - CHA5294

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA5294 UMS-CHA5294 Datasheet
120Kb / 6P
30-40GHz Medium Power Amplifier
CHA5294-99F/00 UMS-CHA5294-99F/00 Datasheet
120Kb / 6P
30-40GHz Medium Power Amplifier
CHA5294 UMS-CHA5294_08 Datasheet
120Kb / 6P
30-40GHz Medium Power Amplifier
More results

Similar Description - CHA5294

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHA2091 UMS-CHA2091 Datasheet
115Kb / 8P
36-40GHz Low Noise Amplifier
CHA3093C UMS-CHA3093C Datasheet
257Kb / 10P
20-40GHz Medium Power Amplifier
CHA4094 UMS-CHA4094 Datasheet
79Kb / 4P
36-40GHz High Power Amplifier
CHA5292A UMS-CHA5292A Datasheet
130Kb / 6P
37-40GHz Medium Power Amplifier
CHA5297 UMS-CHA5297 Datasheet
103Kb / 4P
37-40GHz High Power Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-5024 AVAGO-AMMC-5024 Datasheet
268Kb / 10P
30 KHz-40GHz Traveling Wave Amplifier
logo
United Monolithic Semic...
CHA3694 UMS-CHA3694 Datasheet
569Kb / 12P
31-40GHz Variable Gain Amplifier
CHA5294 UMS-CHA5294_08 Datasheet
120Kb / 6P
30-40GHz Medium Power Amplifier
CHA3093C UMS-CHA3093C_15 Datasheet
277Kb / 10P
20-40GHz Medium Power Amplifier
CHA6194-QXG UMS-CHA6194-QXG Datasheet
646Kb / 16P
37- 40GHz Power Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com