Electronic Components Datasheet Search
  English  ▼

X  

MP300 Datasheet(PDF) 11 Page - PANDUIT CORP.

Part # MP300
Description  Identification Solutions for Harsh Environments
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MP300 Datasheet(HTML) 11 Page - PANDUIT CORP.

Back Button MP300 Datasheet HTML 7Page - PANDUIT CORP. MP300 Datasheet HTML 8Page - PANDUIT CORP. MP300 Datasheet HTML 9Page - PANDUIT CORP. MP300 Datasheet HTML 10Page - PANDUIT CORP. MP300 Datasheet HTML 11Page - PANDUIT CORP. MP300 Datasheet HTML 12Page - PANDUIT CORP. MP300 Datasheet HTML 13Page - PANDUIT CORP. MP300 Datasheet HTML 14Page - PANDUIT CORP. MP300 Datasheet HTML 15Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
www.panduit.com
11
Self-Laminating Labels
• Self-extinguishing material
• Sized specifically for wire and cable applications
• Temperature range: -65 °F to 275 °F (-54 °C to 135 °C)
• UL969 recognized File # MH14979; cUL recognized
C22.2 No. 0.15.01, File # MH14979
Part Number
Print-On
Area
Color
Width
Length
Print-On
Area Height
Min Cable
O.D.
Max Cable
O.D.
Wire Range
Labels
Per
Row
Std.
Pkg.
Qty.
In.
mm
In.
mm
In.
mm
In.
mm
In.
mm
S050X150TAT-A
White
0.50
12.7
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e UTP/Cat. 6 UTP/
Cat. 6A UTP/ Cat. 5e FTP/10– 6 AWG
8
5000
S075X125TAT-A
0.75
19.1
1.25
31.8
0.38
9.7
0.12
3.1
0.28
7.0
Cat. 3 UTP/12 – 10 AWG
5
S100X075TAT-A
1.00
25.4
0.75
19.1
0.25
6.4
0.08
2.0
0.16
4.0
Cat. 6 28 AWG/18 – 14 AWG
4
2500
S100X150TAT-A
1.50
38.1
0.50
12.7
0.16
4.0
0.32
8.1
Cat. 5e UTP/Cat. 6 UTP/Cat.
6A UTP/Cat. 5e FTP/10 - 6 AWG
S100X225TAT-A
2.25
57.2
0.75
19.1
0.24
6.1
0.48
12.1
Cat. 6 FTP/Cat. 6A UTP/
Cat. 6A FTP/8 – 4 AWG
1500
S100X400TAT-A
4.00 101.6
1.00
25.4
0.32
8.1
0.95
24.1
2 – 1 AWG
2500
S200X400TAT-A
2.0
50.8
2
500
Tedlar is a registered trademark of E.I. du Pont de Nemours and Company.
Order number of labels required in multiples of Standard Package Quantity.
*Labels are roll mounted on 3.00" cores; when using the TDP43ME printer and 3.00" cores, the roll stand (TDP43ME-RS) is required.
Marker Plates
Standard Marker Plates
Part Number
Color
Width
Length
Area
Width
Std.
Pkg. Qty.
(Roll)
In.
mm
In.
mm
In.
mm
M200X050Y7T
White
2.00
50.8
0.50
12.7
1.07
27.3
1
M200X100Y7T
1.00
25.4
0.80
20.3
M300X050Y7T
3.00
76.2
0.50
12.7
2.07
52.6
M300X100Y7T
1.00
25.4
1.80
45.7
Additional colors at www.panduit.com.
Tedlar™ Self-Laminating Labels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com