Electronic Components Datasheet Search
  English  ▼

X  

LBN09608 Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # LBN09608
Description  95.5MHz IF SAW Filter 12MHz Bandwidth
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

LBN09608 Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  LBN09608 Datasheet HTML 1Page - SIPAT Co,Ltd LBN09608 Datasheet HTML 2Page - SIPAT Co,Ltd LBN09608 Datasheet HTML 3Page - SIPAT Co,Ltd LBN09608 Datasheet HTML 4Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com
Part Number
LBN09608
Rev. Date
2007-08-16
SIPAT Co., Ltd.
( CETC No.26 Research Institute )
#14 Nanping Huayuan Road,
Chongqing, China, 400060
Ver.
1.0
Page 1/4
C
Ch
hiin
na
a E
Elle
ec
cttrro
on
niic
cs
s T
Te
ec
ch
hn
no
ollo
og
gy
y G
Grro
ou
up
p C
Co
orrp
po
orra
attiio
on
n
N
No
o..2
26
6 R
Re
es
se
ea
arrc
ch
h IIn
ns
sttiittu
utte
e
S
SIIP
PA
AT
T C
Co
o..,, L
Lttd
d..
w
ww
ww
w..s
siip
pa
atts
sa
aw
w..c
co
om
m
95.5MHz IF SAW Filter
12MHz Bandwidth
Part Number: LBN09608
Specifications
Parameter
Unit
Minimum
Typical
Maximum
Center Frequency
MHz
95.35
95.5
95.65
Insertion Loss
dB
-
25
28
3 dB Bandwidth
MHz
11.6
11.71
-
35 dB Bandwidth
MHz
-
12.36
12.5
40 dB Bandwidth
MHz
-
12.4
-
45dB Bandwidth
MHz
-
12.44
-
50 dB Bandwidth
MHz
-
12.47
12.8
55 dB Bandwidth
MHz
-
12.5
13
Passband Variation
dB
-
1
1.5
Absolute Delay
usec
-
3.96
4.5
Ultimate Rejection(f0±15MHz)
dB
55
60
-
Material Temperature coefficient
KHz/°C
-8.98
Ambient Temperature
°C
25
Package Size
DIP3512
(35.0x12.8x4.7mm3)
Notes:
1. All specifications are based on the test circuit shown
2. In production, devices will be tested at room temperature to a guardbanded specification to ensure
electrical compliance over temperature
3. Electrical margin has been built into the design to account for the variations due to temperature drift
and manufacturing tolerances
4. This is the optimum impedance in order to achieve the performance show
Matching Configuration
Source/Load Impedance=50 ohm
Notes - Component values may change depending
on board layout.
INPUT
OUTPUT
50Ω
50Ω


Similar Part No. - LBN09608

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN09608 SIPAT-LBN09608 Datasheet
146Kb / 4P
95.5MHz IF SAW Filter
More results

Similar Description - LBN09608

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBN70A36 SIPAT-LBN70A36 Datasheet
138Kb / 3P
70MHz SAW Filter 12MHz Bandwidth
LBN70A45 SIPAT-LBN70A45 Datasheet
189Kb / 3P
70MHz SAW Filter 12MHz Bandwidth
LBN140A03 SIPAT-LBN140A03 Datasheet
148Kb / 3P
140MHz SAW Filter 12MHz Bandwidth
LBN07905 SIPAT-LBN07905 Datasheet
187Kb / 3P
78.75MHz SAW Filter 12MHz Bandwidth
LBN11538 SIPAT-LBN11538 Datasheet
139Kb / 3P
115MHz SAW Filter 12MHz Bandwidth
LBN13505 SIPAT-LBN13505 Datasheet
141Kb / 4P
134.5MHz IF SAW Filter 12MHz Bandwidth
LBN12406 SIPAT-LBN12406 Datasheet
178Kb / 3P
123.5MHz SAW Filter 12MHz Bandwidth
LBN09608 SIPAT-LBN09608 Datasheet
146Kb / 4P
95.5MHz IF SAW Filter
LBN13505 SIPAT-LBN13505 Datasheet
146Kb / 4P
134.5MHz IF SAW Filter 12MHz Bandwidth
LBT87503 SIPAT-LBT87503 Datasheet
187Kb / 3P
875MHz SAW Filter 12MHz Bandwidth
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com