Electronic Components Datasheet Search
  English  ▼

X  

UBL1 Datasheet(PDF) 3 Page - Saia-Burgess

Part # UBL1
Description  Stepper Motors – Linear UBL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

UBL1 Datasheet(HTML) 3 Page - Saia-Burgess

  UBL1 Datasheet HTML 1Page - Saia-Burgess UBL1 Datasheet HTML 2Page - Saia-Burgess UBL1 Datasheet HTML 3Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
57
saia-burgess Motors
For technical assistance:
Ph: 800-429-0365
www.saia-burgess-usa.com
For order management:
Ph: 800-998-2298
Technical Data
bipolar (UBL1) Rated voltage UN
V
6
12
24
Resistance per winding
R20
18.5
100
460
unipolar (UBL2) Rated voltage UN
V
6
12
24
Resistance per winding
R20
28
120
500
Steps per revolution
24
Steps per mm
30
Winding temperature Tmax
155° C
Duty cycle
100%
Linear travel max.
4, 8, 13, 45 mm
Axial play at 20 N force
< 0.25 mm
Axial force by 200 Hz FA
10 N
Dimensions (mm)
Stepper Motors – Linear UBL



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com