Electronic Components Datasheet Search
  English  ▼

X  

UBL2 Datasheet(PDF) 1 Page - Saia-Burgess

Part # UBL2
Description  Stepper Motors – Linear UBL
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

UBL2 Datasheet(HTML) 1 Page - Saia-Burgess

  UBL2 Datasheet HTML 1Page - Saia-Burgess UBL2 Datasheet HTML 2Page - Saia-Burgess UBL2 Datasheet HTML 3Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
56
saia-burgess Motors
For technical assistance:
Ph: 800-429-0365
www.saia-burgess-usa.com
For order management:
Ph: 800-998-2298
UBL1/2
Dimensions (mm)
Travel (mm)
Travel per step (mm)
Speed by
200 Hz (mm/s)
Resistance
per winding
bipolar/unipolar
6 V (
Ω)
12 V (
Ω)
24 V (
Ω)
Max. Force (N)
∅ 36 x 36
4, 8, 13, 45
0.033
6.67
18.5/28
100/120
460/500
35
Standard Data
Climatic class
wide-spread according to IEC 721, part 2-1
Ambient temperature operation
°C -15...+90
Ambient temperature storage
°C -20...+100
Thermal resistance at f=0 Rtherm
27 K/W
Thermal class
F according to IEC 85
Approval
Standard
Mounting
any position
Electrical connection
Jack connector
Protection
IP 40 according to DIN 40 050/DIN EN 60034-5
Weight
90 g
Rotor stalling
motor can be stopped when voltage is applied, without being overheated
Bearings
Ball bearing, for live lubricated
Surge voltage strength
according to EN 60 034-1/EN 60-335-1
Type
Configuration
Approval
Resistance
Connection
Shaft
Stepper Motor
UBL
13
N
100
Ω
B1A
13
bipolar
23
unipolar
N
Approval Standard
See page 57
Jack connector 6 pin (other on request)
1A
Travel 8 mm (other on request)
Order Reference – How to Build a Part Number
Stepper Motors – Linear UBL
RoHS
Compliant


Similar Part No. - UBL2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBL21 PHILIPS-UBL21 Datasheet
225Kb / 10P
DUODIODE-OUTPUT PENTODE
6.6.1949
More results

Similar Description - UBL2

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
QSH-4218 TRINAMIC-QSH-4218 Datasheet
466Kb / 13P
QMOT STEPPER MOTORS
QSH-5718 TRINAMIC-QSH-5718_11 Datasheet
400Kb / 15P
QMOT STEPPER MOTORS
QSH-6018 TRINAMIC-QSH-6018 Datasheet
532Kb / 14P
QMOT STEPPER MOTORS
QSH-8618 TRINAMIC-QSH-8618 Datasheet
489Kb / 18P
QMOT STEPPER MOTORS
TMC4361 TRINAMIC-TMC4361 Datasheet
2Mb / 117P
stepper motors
TMCM-1311 TRINAMIC-TMCM-1311 Datasheet
772Kb / 24P
MODULE FOR STEPPER MOTORS
TMCM-1630 TRINAMIC-TMCM-1630 Datasheet
524Kb / 18P
MODULE FOR STEPPER MOTORS
logo
Nippon Precision Circui...
SMD-01A NPC-SMD-01A Datasheet
662Kb / 11P
Linear motors
logo
List of Unclassifed Man...
HY20022200100AX08 ETC-HY20022200100AX08 Datasheet
4Mb / 32P
Stepper Motors
35BYG002 ETC-35BYG002 Datasheet
182Kb / 1P
HB Stepper Motors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com