Electronic Components Datasheet Search
  English  ▼

X  

RPM32FD Datasheet(PDF) 2 Page - Schneider Electric

Part # RPM32FD
Description  power plug-in relay - Zelio RPM - 3 C/O - 110 V DC - 15 A - with LED
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

RPM32FD Datasheet(HTML) 2 Page - Schneider Electric

  RPM32FD Datasheet HTML 1Page - Schneider Electric RPM32FD Datasheet HTML 2Page - Schneider Electric RPM32FD Datasheet HTML 3Page - Schneider Electric RPM32FD Datasheet HTML 4Page - Schneider Electric RPM32FD Datasheet HTML 5Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Minimum switching capacity
170 mW at 10 mA, 17 V
Operating rate
<= 18000 cycles/hour no-load
<= 1200 cycles/hour under load
Mechanical durability
10000000 cycles
Electrical durability
100000 cycles for resistive load
Average coil consumption
1.5 W
Drop-out voltage threshold
>= 0.1 Uc DC
Operating time
20 ms at nominal voltage
Reset time
20 ms at nominal voltage
Rated operational voltage limits
88...121 V DC
Protection category
RT I
Operating position
Any position
Safety reliability data
B10d = 100000
Product weight
0.054 kg
Device presentation
Complete product
Environment
Dielectric strength
2000 V AC between coil and contact with reinforced insulation
2000 V AC between poles with basic insulation
1500 V AC between contacts with micro disconnection insulation
Standards
UL 508
EN/IEC 61810-1
CSA C22.2 No 14
Product certifications
UL
EAC
CSA
RoHS
REACH
Ambient air temperature for storage
-40...85 °C
Ambient air temperature for operation
-40...55 °C
Vibration resistance
3 gn (f = 10...150 Hz), amplitude +/- 1 mm (on 5 cycles in operation)
5 gn (f = 10...150 Hz), amplitude +/- 1 mm (on 5 cycles not operating)
IP degree of protection
IP40 conforming to EN/IEC 60529
Shock resistance
30 gn not operating
15 gn in operation
Pollution degree
3
Contractual warranty
Warranty period
18 months



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com