Electronic Components Datasheet Search
  English  ▼

X  

118 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 118
Description  Dual 4-input multiplexer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

118 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 118 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
74HC_HCT153
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 6 — 11 May 2016
13 of 16
NXP Semiconductors
74HC153; 74HCT153
Dual 4-input multiplexer
12. Abbreviations
13. Revision history
Table 10.
Abbreviations
Acronym
Description
CMOS
Complementary Metal-Oxide Semiconductor
DUT
Device Under Test
ESD
ElectroStatic Discharge
HBM
Human Body Model
LSTTL
Low-power Schottky Transistor-Transistor Logic
MM
Machine Model
TTL
Transistor-Transistor Logic
Table 11.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
74HC_HCT153 v.6
20160511
Product data sheet
-
74HC_HCT153 v.5
Modifications:
• Type numbers 74HC153N and 74HCT153N (SOT38-4) removed.
74HC_HCT153 v.5
20140123
Product data sheet
-
74HC_HCT153 v.4
Modifications:
• Table 1 and Section 11: all references to 14 pin packages removed.
74HC_HCT153 v.4
20131128
Product data sheet
-
74HC_HCT153 v.3
74HC_HCT153 v.3
20130722
Product data sheet
-
74HC_HCT153_CNV v.2
74HC_HCT153_CNV v.2
19970827
Product specification
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com