Electronic Components Datasheet Search
  English  ▼

X  

74HC259DB Datasheet(PDF) 1 Page - Nexperia B.V. All rights reserved

Part # 74HC259DB
Description  8-bit addressable latch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC259DB Datasheet(HTML) 1 Page - Nexperia B.V. All rights reserved

  74HC259DB Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74HC259DB Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC259DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC259DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC259DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC259DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC259DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC259DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC259DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The 74HC259; 74HCT259 is an 8-bit addressable latch. The device features four modes
of operation. In the addressable latch mode, data on the D input is written into the latch
addressed by the inputs AO to A3. The addressed latch will follow the data input,
non-addressed latches will retain their previous states. In memory mode, all latches retain
their previous states and are unaffected by the data or address inputs. In the 3-to-8
decoding or demultiplexing mode, the addressed output follows the D input and all other
outputs are LOW. In the reset mode, all outputs are forced LOW and unaffected by the
data or address inputs. Inputs include clamp diodes. This enables the use of current
limiting resistors to interface inputs to voltages in excess of VCC.
2.
Features and benefits
 Combined demultiplexer and 8-bit latch
 Serial-to-parallel capability
 Output from each storage bit available
 Random (addressable) data entry
 Easily expandable
 Common reset input
 Useful as a 3-to-8 active HIGH decoder
 Complies with JEDEC standard no. 7A
 Input levels:
 For 74HC259: CMOS level
 For 74HCT259: TTL level
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 CDM JESD22E exceeds 1000 V
 Multiple package options
 Specified from
40 C to +85 C and from 40 C to +125 C
74HC259; 74HCT259
8-bit addressable latch
Rev. 6 — 2 February 2016
Product data sheet


Similar Part No. - 74HC259DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC259DB PHILIPS-74HC259DB Datasheet
87Kb / 11P
8-bit addressable latch
December 1990
74HC259DB NXP-74HC259DB Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
74HC259DB NXP-74HC259DB Datasheet
174Kb / 23P
8-bit addressable latch
Rev. 5-7 August 2012
More results

Similar Description - 74HC259DB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4724B STMICROELECTRONICS-HCC4724B Datasheet
302Kb / 14P
8 BIT ADDRESSABLE LATCH
Sep-1988
logo
Fairchild Semiconductor
DM9334 FAIRCHILD-DM9334 Datasheet
65Kb / 5P
8-Bit Addressable Latch
logo
Hitachi Semiconductor
HD74AC259 HITACHI-HD74AC259 Datasheet
69Kb / 11P
8-bit Addressable Latch
logo
Toshiba Semiconductor
TC74HC259AP TOSHIBA-TC74HC259AP_07 Datasheet
361Kb / 10P
8-Bit Addressable Latch
logo
Renesas Technology Corp
HD74AC259 RENESAS-HD74AC259 Datasheet
217Kb / 8P
8-bit Addressable Latch
logo
NXP Semiconductors
74HC259 NXP-74HC259 Datasheet
134Kb / 21P
8-bit addressable latch
Rev. 04-25 February 2009
logo
Texas Instruments
NTE4099B TI-NTE4099B Datasheet
976Kb / 16P
8-Bit Addressable Latch
logo
NXP Semiconductors
74HC_HCT259 PHILIPS-74HC_HCT259_15 Datasheet
162Kb / 22P
8-bit addressable latch
Rev. 5-7 August 2012
logo
ON Semiconductor
MC74AC259 ONSEMI-MC74AC259_15 Datasheet
96Kb / 9P
8-Bit Addressable Latch
March, 2015 ??Rev. 7
logo
Toshiba Semiconductor
TC40H259P TOSHIBA-TC40H259P Datasheet
230Kb / 5P
8-BIT ADDRESSABLE LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com