Electronic Components Datasheet Search
  English  ▼

X  

74HC2G08DP Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC2G08DP
Description  Dual 2-input AND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC2G08DP Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC2G08DP Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC2G08DP Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT2G08
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 5 — 8 October 2013
7 of 15
Nexperia
74HC2G08; 74HCT2G08
Dual 2-input AND gate
[1]
All typical values are measured at Tamb = 25 C.
[2]
tpd is the same as tPLH and tPHL.
[3]
tt is the same as tTLH and tTHL.
[4]
CPD is used to determine the dynamic power dissipation (PD in W).
PD = CPD  VCC2  fi  N + (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
12. Waveforms
74HCT2G08
tpd
propagation delay nA and nB to nY; see Figure 6
[2]
VCC = 4.5 V
-
14
30
-
36
ns
VCC = 5.0 V; CL = 15 pF
-
14
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 6
[3]
-7
19
-
22
ns
CPD
power dissipation
capacitance
VI =GND to VCC  1.5 V
[4]
-10-
-
-
pF
Table 8.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 6.
Propagation delay data input (nA, nB) to data output (nY) and transition time output (nY)
001aak020
nA, nB input
nY output
tTHL
tTLH
VM
VI
GND
VOH
VOL
VM
VX
VY
tPHL
tPLH
Table 9.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC2G08
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT2G08
1.3 V
1.3 V
0.1VCC
0.9VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com