Electronic Components Datasheet Search
  English  ▼

X  

653 Datasheet(PDF) 5 Page - Nexperia B.V. All rights reserved

Part # 653
Description  3-to-8 line decoder/demultiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

653 Datasheet(HTML) 5 Page - Nexperia B.V. All rights reserved

  653 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 653 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
74HC_HCT238
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 4 — 27 January 2016
5 of 19
NXP Semiconductors
74HC238; 74HCT238
3-to-8 line decoder/demultiplexer
6.
Functional description
[1]
H = HIGH voltage level;
L = LOW voltage level;
X = don’t care.
7.
Limiting values
[1]
The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2]
For SO16 package: above 70
C the value of P
tot derates linearly at 8 mW/K.
For SSOP16 and TSSOP16 packages: above 60
C the value of P
tot derates linearly at 5.5 mW/K.
For DHVQFN16 package: above 60
C the value of P
tot derates linearly at 4.5 mW/K.
Table 3.
Function table[1]
Inputs
Outputs
E1
E2
E3
A0
A1
A2
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
H
X
X
X
X
X
LL
LLL
LLL
XH
XXX
XL
L
L
L
L
L
L
L
X
X
LX
X
X
LL
LLL
LLL
LL
H
LL
LH
L
LLL
LLL
LL
H
H
L
LLH
LLL
LLL
LL
H
LH
LLL
H
LL
LLL
LL
H
H
H
LLL
LH
L
LLL
LL
H
LL
H
LL
LLH
LLL
L
L
HHL
HL
L
L
L
L
HL
L
LL
H
LH
H
LL
LLL
LH
L
LL
H
H
H
H
LL
LLL
LLH
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
0.5
+7
V
IIK
input clamping current
VI < 0.5 V or VI >VCC +0.5 V
[1]
-
20
mA
IOK
output clamping current
VO < 0.5 V or VO >VCC +0.5 V
[1]
-
20
mA
IO
output current
0.5 V < V
O < VCC +0.5 V
-
25
mA
ICC
supply current
-
50
mA
IGND
ground current
50
-
mA
Tstg
storage temperature
65
+150
C
Ptot
total power dissipation
SO16, (T)SSOP16 and DHVQFN16
packages
[2]
-500
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com