Electronic Components Datasheet Search
  English  ▼

X  

74HC30DB Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 74HC30DB
Description  8-input NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC30DB Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 74HC30DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC30DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC30DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC30DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC30DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC30DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC30DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC30DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HC30DB Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
74HC_HCT30
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 7 — 2 December 2015
8 of 15
NXP Semiconductors
74HC30; 74HCT30
8-input NAND gate
Test data is given in Table 9.
Definitions for test circuit:
RT = termination resistance should be equal to the output impedance Zo of the pulse generator.
CL = load capacitance including jig and probe capacitance.
Fig 6.
Test circuit for measuring switching times
Table 9.
Test data
Type
Input
Load
Test
VI
tr, tf
CL
74HC30
VCC
6.0 ns
15 pF, 50 pF
tPLH, tPHL
74HCT30
3.0 V
6.0 ns
15 pF, 50 pF
tPLH, tPHL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com