Electronic Components Datasheet Search
  English  ▼

X  

74HC30PW Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part # 74HC30PW
Description  8-input NAND gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC30PW Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74HC30PW Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74HC30PW Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC30PW Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC30PW Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC30PW Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC30PW Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC30PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC30PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC30PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
74HC_HCT30
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 7 — 2 December 2015
6 of 15
NXP Semiconductors
74HC30; 74HCT30
8-input NAND gate
10. Dynamic characteristics
CI
input
capacitance
-3.5
-
-
-
-
-
pF
74HCT30
VIH
HIGH-level
input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
2.0
-
2.0
-
V
VIL
LOW-level
input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
-
0.8
-
0.8
V
VOH
HIGH-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 A
4.4
4.5
-
4.4
-
4.4
-
V
IO = 4.0 mA
3.98
4.32
-
3.84
-
3.7
-
V
VOL
LOW-level
output voltage
VI = VIH or VIL; VCC = 4.5 V
IO = 20 A
-
0
0.1
-
0.1
-
0.1
V
IO = 4.0 mA
-
0.15
0.26
-
0.33
-
0.4
V
II
input leakage
current
VI = VCC or GND;
VCC =5.5 V
--
0.1
-
1-
1
A
ICC
supply current
VI = VCC or GND; IO =0A;
VCC =5.5 V
--
2.0
-
20
-
40
A
I
CC
additional
supply current
per input pin;
VI =VCC  2.4 V; IO =0A;
other inputs at VCC or GND;
VCC = 4.5 V to 5.5 V
-
60
216
-
275
-
294
A
CI
input
capacitance
-3.5
-
-
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min
Typ
Max
Min
Max
Min
Max
Table 7.
Dynamic characteristics
GND = 0 V; CL = 50 pF; for test circuit see Figure 6.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
74HC30
tpd
propagation delay
A, B, C, D, E, F, G, H to Y;
see Figure 5
[1]
VCC = 2.0 V
-
41
130
165
195
ns
VCC = 4.5 V
-
15
26
33
39
ns
VCC = 5.0 V; CL =15pF
-
12
-
-
-
ns
VCC = 6.0 V
-
12
22
28
33
ns
tt
transition time
see Figure 5
[2]
VCC = 2.0 V
-
19
75
95
110
ns
VCC = 4.5 V
-
7
15
19
22
ns
VCC = 6.0 V
-
6
13
16
19
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com