Electronic Components Datasheet Search
  English  ▼

X  

118 Datasheet(PDF) 8 Page - Nexperia B.V. All rights reserved

Part # 118
Description  Dual retriggerable monostable multivibrator with reset
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

118 Datasheet(HTML) 8 Page - Nexperia B.V. All rights reserved

Back Button 118 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 118 Datasheet HTML 12Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
74HC423
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 11 February 2016
8 of 19
NXP Semiconductors
74HC423
Dual retriggerable monostable multivibrator with reset
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
For other REXT and CEXT combinations see Figure 8. If CEXT > 10 pF, the next formula is valid:
tW = K  REXT  CEXT (typ.), where:
tW = output pulse width in ns;
REXT = external resistor in k;
CEXT = external capacitor in pF;
K = 0.55 for VCC = 2.0 V and 0.45 for VCC = 5.0 V; see Figure 9.
Inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is 7 pF.
[4]
The time to retrigger the monostable multivibrator depends on the values of REXT and CEXT. The output pulse width will only be
extended when the time between the active-going edges of the trigger input pulses meets the minimum retrigger time.
If CEXT > 10 pF, the next formula (at VCC = 5.0 V) for the set-up time of a retrigger pulse is valid:
trtrig = 30 + 0.19  REXT  CEXT0.9 + 13  REXT1.05 (typ.); where:
trtrig = retrigger time in ns;
CEXT = external capacitor in pF;
REXT = external resistor in k.
Inherent test jig and pin capacitance at pins 15 and 7 (nREXT/CEXT) is 7 pF.
[5]
When the device is powered-up, initiate the device via a reset pulse, when CEXT < 50 pF.
[6]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo); where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of outputs.
REXT
external timing
resistor
VCC =2.0 V; see Figure 8
10
-
1000
-
-
-
-
k
VCC =5.0 V
2
-
1000
-
-
-
-
k
CEXT
external timing
capacitor
VCC =5.0 V; see Figure 8
[5]
no limits
pF
CPD
power
dissipation
capacitance
per package; VI =GND to VCC
[6]
-
54
-
--
--
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; test circuit see Figure 12.
Symbol Parameter
Conditions
25
C
40 C to
+85
C
40 C to
+125
C
Unit
Min
Typ
Max
Min Max Min Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com