Electronic Components Datasheet Search
  English  ▼

X  

74HCT573PW Datasheet(PDF) 12 Page - Nexperia B.V. All rights reserved

Part # 74HCT573PW
Description  Octal D-type transparent latch; 3-state
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HCT573PW Datasheet(HTML) 12 Page - Nexperia B.V. All rights reserved

Back Button 74HCT573PW Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HCT573PW Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HCT573PW Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HCT573PW Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74HCT573PW Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74HCT573PW Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74HCT573PW Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74HCT573PW Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74HCT573PW Datasheet HTML 16Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
74HC_HCT573
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 7 — 4 March 2016
12 of 20
NXP Semiconductors
74HC573; 74HCT573
Octal D-type transparent latch; 3-state
Test data is given in Table 9.
Definitions test circuit:
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
CL = Load capacitance including jig and probe capacitance.
RL = Load resistance.
S1 = Test selection switch.
Fig 11. Test circuit for measuring switching times
Table 9.
Test data
Type
Input
Load
S1 position
VI
tr, tf
CL
RL
tPHL, tPLH
tPZH, tPHZ
tPZL, tPLZ
74HC573
VCC
6ns
15pF, 50 pF
1k
open
GND
VCC
74HCT573
3 V
6 ns
15 pF, 50 pF
1 k
open
GND
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com