Electronic Components Datasheet Search
  English  ▼

X  

74HC86DB Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # 74HC86DB
Description  Quad 2-input EXCLUSIVE-OR gate
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74HC86DB Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button 74HC86DB Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74HC86DB Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74HC86DB Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74HC86DB Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74HC86DB Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74HC86DB Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74HC86DB Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74HC86DB Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74HC86DB Datasheet HTML 11Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
© Nexperia B.V. 2017. All rights reserved
74HC_HCT86
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 4 — 4 December 2015
7 of 15
Nexperia
74HC86; 74HCT86
Quad 2-input EXCLUSIVE-OR gate
[1]
tpd is the same as tPHL and tPLH.
[2]
tt is the same as tTHL and tTLH.
[3]
CPD is used to determine the dynamic power dissipation (PD in W):
PD =CPD  VCC2  fi  N+  (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
 (C
L  VCC
2
 f
o) = sum of outputs.
11. Waveforms
74HCT86
tpd
propagation delay
nA, nB to nY; see Figure 5
[1]
VCC = 4.5 V
-
17
32
40
48
ns
VCC = 5.0 V; CL =15pF
-
14
-
-
-
ns
tt
transition time
VCC = 4.5 V; see Figure 5
[2]
-
7
15
19
22
ns
CPD
power dissipation
capacitance
per package;
VI =GND to VCC  1.5 V
[3]
-30-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V; CL = 50 pF; for test circuit see Figure 6.
Symbol Parameter
Conditions
25
C
40 C to +125 C Unit
Min
Typ
Max
Max
(85
C)
Max
(125
C)
Measurement points are given in Table 9.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 5.
Input to output propagation delays
Table 8.
Measurement points
Type
Input
Output
VM
VM
VX
VY
74HC86
0.5VCC
0.5VCC
0.1VCC
0.9VCC
74HCT86
1.3 V
1.3 V
0.1VCC
0.9VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com