Electronic Components Datasheet Search
  English  ▼

X  

M4BCAAAEK Datasheet(PDF) 3 Page - Saia-Burgess

Part # M4BCAAAEK
Description  E-Series and M-Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAIA-BURGESS [Saia-Burgess]
Direct Link  
Logo SAIA-BURGESS - Saia-Burgess

M4BCAAAEK Datasheet(HTML) 3 Page - Saia-Burgess

  M4BCAAAEK Datasheet HTML 1Page - Saia-Burgess M4BCAAAEK Datasheet HTML 2Page - Saia-Burgess M4BCAAAEK Datasheet HTML 3Page - Saia-Burgess M4BCAAAEK Datasheet HTML 4Page - Saia-Burgess  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Product Range
Operating Characteristics
Keycode
IV=),9*,1-#/+5L
Reference
Key number
B
EED
M
W./=#>=%9#4.'(*#/
'#4*/0@-3,(8,,/
E2D-&/4-GEE
"
EEG
X
EE2
Y
EET
Z
EER
<
EEQ
[
EE\
]
EE^
_
EEU
7
EDE
`
a/*H.,-'.1(#$,9
1,+,'(,4-'#4,@
3,(8,,/-EDD-&/4
E2E
Key trapping
!-_,5-(9&%%,4-*/-*/4,F,4-%#1*(*#/
Reference
A
C•
Q•
•
K
•
X
•
Y
•
Z
••
•
<
•••
[
•••
]
••
•
_
••
7
••
V
••
`
••
J
••
Standard
X&9;-1?&4*/0
b%(*#/
7*0?(-1?&4*/0
Switching function
Reference Switching function
A
"?&/0,#6,9
)*/0+,-%#+,
D
G
2
D
G
2
E
"?&/0,#6,9
DG
2
D
G
2
X#.3+,-%#+,
TR
Q
T
R
Q
J
2-'*9'.*(-1,+,'(#9
"
2-%#1*(*#/-'?&/0,#6,9
",/(9,-#>>
)*/0+,-%#+,
X
D=D-&/4-G=G
)*/0+,-%#+,
V&;,=3,>#9,=39,&;
<
"?&/0,#6,9-",/(9,-#>>
X#.3+,-%#+,
[
D=D-&/4-G=G
X#.3+,-%#+,
V&;,=3,>#9,=39,&;
c
E=D=G
)*/0+,-%#+,
_
T-'*9'.*(-1,+,'(#9
Z.++5-9#(&95
7d
T-'*9'.*(-1,+,'(#9
)(#%%,4-3,(8,,/-U-&/4-DG-#e'+#';
V
b>>=#/
)%9*/0=3*&1,4-#>>
)*/0+,-%#+,
$#$
`
b>>=#/
)%9*/0=3*&1,4-#>>
X#.3+,-%#+,
$#$
J
)%9*/0=3*&1,4-(#-',/(9,-#>>
X#.3+,-%#+,
$#$
$#$
W
"?&/0,#6,9-',/(9,-#>>
"+#';8*1,-3*&1,4-(#-',/(9,-#>>
)*/0+,-%#+,
$#$
E-Series
M-Series
Burgess
➙
➙
T
dV=),9*,1-#/+5
$#$
V#$,/(&95-18*('?*/0->./'(*#/-C-1%9*/0-9,(.9/-$,'?&/*1$



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com