Electronic Components Datasheet Search
  English  ▼

X  

ILT4S-C Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # ILT4S-C
Description  Cable Tie, Parallel-entry, 14.7" Standard cross section
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

ILT4S-C Datasheet(HTML) 3 Page - PANDUIT CORP.

  ILT4S-C Datasheet HTML 1Page - PANDUIT CORP. ILT4S-C Datasheet HTML 2Page - PANDUIT CORP. ILT4S-C Datasheet HTML 3Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Min. Loop Tensile Strength (N):
222
Std. Pkg. UOM:
PK
Thickness (In.):
.052
Thickness (mm):
1.3
Tool:
GTS, GTSL, GS2B, GTH, GS4H, PTS, PTH,
PPTS, STS2, STH2
UOM:
PC
Std. Pkg. Qty.:
100
Min. Order Qty.:
100



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com