Electronic Components Datasheet Search
  English  ▼

X  

SG2524 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SG2524
Description  REGULATING PULSE WIDTH MODULATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SG2524 Datasheet(HTML) 2 Page - STMicroelectronics

  SG2524 Datasheet HTML 1Page - STMicroelectronics SG2524 Datasheet HTML 2Page - STMicroelectronics SG2524 Datasheet HTML 3Page - STMicroelectronics SG2524 Datasheet HTML 4Page - STMicroelectronics SG2524 Datasheet HTML 5Page - STMicroelectronics SG2524 Datasheet HTML 6Page - STMicroelectronics SG2524 Datasheet HTML 7Page - STMicroelectronics SG2524 Datasheet HTML 8Page - STMicroelectronics SG2524 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
Supply Voltage
40
V
IC
Collector Output Current
100
mA
IR
Reference Output Current
50
mA
IT
Current Through CT Terminal
– 5
mA
Ptot
Total Power Dissipation at Tamb =70
°C
1000
mW
Tstg
Storage Temperature Range
– 65 to 150
°C
Top
Operating Ambient Temperature Range: SG2524
SG3524
–25 to 85
0to 70
°C
°C
THERMAL DATA
Symbol
Parameter
DIP16
SO16
Unit
Rth j-amb
Rth j-alumina
Thermal Resistance Junction-ambient
Max.
Thermal Resistance Junction-alumina
(*)
Max.
80
–
–
50
°C/W
°C/W
(*) Thermal resistance junction-alumina with the device soldered on the middle of an alumina supporting substrate measuring 15 x 20mm;
0.65mm thickness with infinite heatsink.
PIN CONNECTION (Top view)
SG2524 - SG3524
2/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com