Electronic Components Datasheet Search
  English  ▼

X  

BCM2837 Datasheet(PDF) 1 Page - Raspberry Pi Holdings PLC

Part # BCM2837
Description  Raspberry Pi2 Model B v1.2
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RASPBERRY-PI [Raspberry Pi Holdings PLC]
Direct Link  https://www.raspberrypi.com/
Logo RASPBERRY-PI - Raspberry Pi Holdings PLC

BCM2837 Datasheet(HTML) 1 Page - Raspberry Pi Holdings PLC

  BCM2837 Datasheet HTML 1Page - Raspberry Pi Holdings PLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Raspberry Pi2 Model B v1.2
IMPORTANT: PLEASE UPDATE TO LATEST VERSION OF THE OPERATING SYSTEM
Previous versions of Raspberry Pi 2 Model B use the BCM2836 SoC, which contains a quad-core ARM Cortex-A7
processor. The new release Raspberry Pi 2 Model B v1.2 board uses BCM2837, which contains a quad-core
ARM Cortex-A53 processor. It is necessary to update to the latest (October 2016) version of the device
firmware and Linux kernel to allow the board to boot up properly.
To obtain updated software please go to:
https://www.raspberrypi.org/downloads
Installation guides are also available for the software as follows:
Raspbian Installation guide-
https://www.raspberrypi.org/documentation/installation/installing-images/README.md
NOOBs Installation guide - https://www.raspberrypi.org/documentation/installation/noobs.md
Product Overview
The RASPBERRYPI-2-MODB-1GB is a second generation Raspberry Pi. Raspberry Pi2 model B board is a credit
card sized single board computer that plugs into your TV and keyboard. This is a little PC which can be used for
many of the things that desktop PC does.
The design is based on Broadcom BCM2837 system on chip with 900MHz ARM Cortex-A53 quad-core
processor, Dual Core VideoCore IV Multimedia coprocessor and 1GB RAM.
This board is powered from 5V adapter with micro USB connectivity and runs on operating systems such as
Raspbian, RaspBMC, Arch Linux, RISC OS, OpenELEC, Pidora and Microsoft Windows10.
Broadcom BCM2837 SoC full HD multimedia applications processor
1GB SDRAM operates at 450MHz
40 pin extended GPIO
10/100 Ethernet RJ45 onboard network
4 USB 2.0 ports
CSI camera port for connecting the Raspberry Pi camera
DSI display port for connecting the Raspberry Pi touch screen display
Featured with MicroSD slot
Composite RCA and HDMI port
Multi channel HD audio over HDMI, stereo from 3.5mm jack
Product Information
Silicon Manufacturer: Broadcom
Core Architecture: ARM
Core Sub-Architecture: Cortex-A53
Silicon Core Number: BCM2837
Kit Contents: Raspberry Pi 2 Model B
Features: Quad Core CPU, 1GB RAM, 900MHz Board Clock Speed, 40 GPIO Pins, 4 x USB Ports, 4
Pole Stereo Output, HDMI Port, 10/100 Ethernet, Micro SD Card Slot


Similar Part No. - BCM2837

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM2837 BOARDCOM-BCM2837 Datasheet
3Mb / 205P
BCM2835 ARM Peripherals
BCM2837B0 BOARDCOM-BCM2837B0 Datasheet
3Mb / 205P
BCM2835 ARM Peripherals
More results

Similar Description - BCM2837

ManufacturerPart #DatasheetDescription
logo
HANAMICRON
HBM1X1M HANAMICRON-HBM1X1M Datasheet
229Kb / 17P
Bluetooth V1.2 Class 1 Module
logo
Axiomtek Co., Ltd.
Q7M110-110-EVK AXIOMTEK-Q7M110-110-EVK Datasheet
246Kb / 1P
High flexibility Qseven v1.2 compliant design
logo
SparkFun Electronics
DEV-12996 SPARKFUN-DEV-12996 Datasheet
98Kb / 1P
Raspberry Pi Enclosure - Clear (RPi2, B)
11/16/2015
DEV-12997 SPARKFUN-DEV-12997 Datasheet
101Kb / 1P
Raspberry Pi Enclosure - Black (RPi2, B)
11/16/2015
PRT-15008 SPARKFUN-PRT-15008 Datasheet
101Kb / 2P
Raspberry Pi 3 B Baseplate
10-29-18
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
RPI3-MODBP ETC-RPI3-MODBP Datasheet
686Kb / 5P
Raspberry Pi 3 Model B
RPI4-MODBP-8GB ETC-RPI4-MODBP-8GB Datasheet
1Mb / 6P
Raspberry Pi 4 Computer Model B
2019
110060161 ETC-110060161 Datasheet
197Kb / 3P
GrovePi Starter Kit for Raspberry Pi A,B,B&2,3 (CE certified)
logo
CoreHW Semiconductor Lt...
CHW1010-ANT3-1.0 COREHW-CHW1010-ANT3-1.0 Datasheet
355Kb / 4P
CoreHW Gen3S PCB Product Brief V1.2
V1.2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com