Electronic Components Datasheet Search
  English  ▼

X  

LTM4700EY Datasheet(PDF) 1 Page - Analog Devices

Part # LTM4700EY
Description  LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 2 × LTM4700, 200A
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700EY Datasheet(HTML) 1 Page - Analog Devices

  LTM4700EY Datasheet HTML 1Page - Analog Devices LTM4700EY Datasheet HTML 2Page - Analog Devices LTM4700EY Datasheet HTML 3Page - Analog Devices LTM4700EY Datasheet HTML 4Page - Analog Devices LTM4700EY Datasheet HTML 5Page - Analog Devices LTM4700EY Datasheet HTML 6Page - Analog Devices LTM4700EY Datasheet HTML 7Page - Analog Devices LTM4700EY Datasheet HTML 8Page - Analog Devices LTM4700EY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
DEMO MANUAL
DC2784B-A
Rev. 0
DESCRIPTION
LTM4700
High Current, PolyPhase® Step-Down
Power µModule Supply with Digital Power
System Management 2 × LTM4700, 200A
Demonstration circuit 2784B-A is a high efficiency, high
density, µModule® regulator with 4.5V to 16V input range.
The output voltage is adjustable from 0.5V to 1.8V and it
can supply 200A maximum load current. The demo board
has two LTM®4700 µModule regulators, which is a dual
50A or single 100A step-down regulator with digital power
system management. See LTM4700 data sheet for more
detailed information.
The DC2784B-A powers up to default settings and pro-
duces power based on configuration resistors without
the need for any serial bus communication. This allows
easy evaluation of the DC/DC converter. To fully explore
the extensive power system management features of
the part, download the graphical user interface (GUI)
All registered trademarks and trademarks are the property of their respective owners.
software LTpowerPlay® onto your PC and use Analog
Devices I2C/SMBus/PMBus dongle DC1613A to connect
to the board. The LTpowerPlay allows the user to recon-
figure the part on-the-fly and store the configuration in
EEPROM, view telemetry of voltage, current, temperature,
and fault status.
GUI Download
The software can be downloaded from LTpowerPlay.
For more details and instructions of LTpowerPlay, please
refer to LTpowerPlay GUI for LTM4700 Quick Start Guide.
Design files for this circuit board are available.
Figure 1. 2 × LTM4700; 200A DC2784B-A Demo Circuit
BOARD PHOTO Part marking is either ink mark or laser mark


Similar Part No. - LTM4700EY

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTM4700EY AD-LTM4700EY Datasheet
2Mb / 14P
LTM4700 Single 100A μModule Regulator with Digital Power System Management
Rev. 0 06/23
LTM4700EY AD-LTM4700EY Datasheet
2Mb / 19P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 3 × LTM4700, 300A
Rev. 0 07/24
LTM4700EY AD-LTM4700EY Datasheet
2Mb / 19P
LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 4 × LTM4700, 400A
Rev. 0 07/24
LTM4700EYPBF AD-LTM4700EYPBF Datasheet
3Mb / 126P
Dual 50A or Single 100A μModule Regulator with Digital Power System Management
More results

Similar Description - LTM4700EY

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3870 LINER-LTC3870_15 Datasheet
936Kb / 22P
PolyPhase Step-Down Slave Controller for LTC3880/LTC3883 with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
LTM4627EV LINER-LTM4627EV Datasheet
587Kb / 10P
High Efficiency PolyPhase Step-Down Power Supply
LTC3870 LINER-LTC3870 Datasheet
911Kb / 22P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3870-1 LINER-LTC3870-1 Datasheet
1Mb / 20P
PolyPhase Step-Down Slave Controller for Digital Power System Management
LTC3882-1 LINER-LTC3882-1 Datasheet
823Kb / 108P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
logo
Analog Devices
LT7182S AD-LT7182S Datasheet
1Mb / 38P
Dual Channel 6A, 20V PolyPhase Step-Down Silent Switcher 2 with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com