Electronic Components Datasheet Search
  English  ▼

X  

LTM4700 Datasheet(PDF) 8 Page - Analog Devices

Part # LTM4700
Description  LTM4700 High Current, PolyPhase® Step-Down Power μModule Supply with Digital Power System Management 4 × LTM4700, 400A
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM4700 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTM4700 Datasheet HTML 4Page - Analog Devices LTM4700 Datasheet HTML 5Page - Analog Devices LTM4700 Datasheet HTML 6Page - Analog Devices LTM4700 Datasheet HTML 7Page - Analog Devices LTM4700 Datasheet HTML 8Page - Analog Devices LTM4700 Datasheet HTML 9Page - Analog Devices LTM4700 Datasheet HTML 10Page - Analog Devices LTM4700 Datasheet HTML 11Page - Analog Devices LTM4700 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
DEMO MANUAL
DC2784B-C
Rev. 0
LTpowerPlay QUICK START PROCEDURE
The following procedure describes how to use LTpowerPlay
to monitor and change the settings of LTM4700.
1. Download and install the LTpowerPlay GUI: LTpowerPlay
2. Launch the LTpowerPlay GUI.
a. The GUI automatically identifies the DC2784B-C.
The system tree on the left-hand side appears as
shown:
b. A green message box appears for a few seconds in
the lower left-hand corner, confirming that LTM4700
is communicating:
c. In the toolbar, click the “R” (RAM to PC) icon to
read the RAM from the LTM4700. This reads the
configuration from the RAM of LTM4700 and loads
it into the GUI.
d. To change the output voltage to a different value,
(i.e., 0.8V), from the Config tab, type the new value
in the VOUT_COMMAND field:
Then, click the “W” (PC to RAM) icon to write these reg-
ister values to the LTM4700. After finishing this step,
the output voltage updates to the new value (i.e., 0.8V).
If the write is successful, the following message
appears:
e. To save the changes into the NVM, from the toolbar,
click “RAM to NVM” button, as shown:
f. Save the demo board configuration to a (*.proj) file.
Click the Save icon to choose a file name and save
the file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com