Electronic Components Datasheet Search
  English  ▼

X  

LTC3306A Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3306A
Description  Evaluating the LTC3306 3.3 V to 1.2 V at 1.75 A, 2 MHz Synchronous Step-Down Regulator in an 11 mm2 Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306A Datasheet(HTML) 2 Page - Analog Devices

  LTC3306A Datasheet HTML 1Page - Analog Devices LTC3306A Datasheet HTML 2Page - Analog Devices LTC3306A Datasheet HTML 3Page - Analog Devices LTC3306A Datasheet HTML 4Page - Analog Devices LTC3306A Datasheet HTML 5Page - Analog Devices LTC3306A Datasheet HTML 6Page - Analog Devices LTC3306A Datasheet HTML 7Page - Analog Devices LTC3306A Datasheet HTML 8Page - Analog Devices LTC3306A Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
User Guide
DC3109A
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 12
Features................................................................ 1
Evaluation Kit Contents......................................... 1
Documents Needed...............................................1
Equipment Needed................................................1
General Description...............................................1
Option Table.......................................................... 1
DC3109A Evaluation Board Photograph............... 3
Performance Summary..........................................4
Quick Start Procedure........................................... 5
Test Setup..............................................................6
Typical Performance Characteristics..................... 7
EMI Test Results ...................................................8
Evaluation Board Hardware...................................9
Introduction to the DC3109A..............................9
Accurately Measuring Output Ripple of the
LTC3306...........................................................9
Evaluation Board Schematic............................... 10
Ordering Information............................................11
Bill of Materials................................................. 11
REVISION HISTORY
1/2024—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com