Electronic Components Datasheet Search
  English  ▼

X  

LTC3306C Datasheet(PDF) 9 Page - Analog Devices

Part # LTC3306C
Description  Evaluating the LTC3306 3.3 V to 1.2 V at 1.75 A, 2 MHz Synchronous Step-Down Regulator in an 11 mm2 Solution
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3306C Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC3306C Datasheet HTML 4Page - Analog Devices LTC3306C Datasheet HTML 5Page - Analog Devices LTC3306C Datasheet HTML 6Page - Analog Devices LTC3306C Datasheet HTML 7Page - Analog Devices LTC3306C Datasheet HTML 8Page - Analog Devices LTC3306C Datasheet HTML 9Page - Analog Devices LTC3306C Datasheet HTML 10Page - Analog Devices LTC3306C Datasheet HTML 11Page - Analog Devices LTC3306C Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
User Guide
DC3109A
EVALUATION BOARD HARDWARE
analog.com
Rev. 0 | 9 of 12
INTRODUCTION TO THE DC3109A
The DC3109A demonstration circuit features the LTC3306, a 1.75
A, synchronous step-down Regulator in 1.6 mm x 1 mm WLCSP.
The DC3109A has two options. The DC3109A-A features the
LTC3306A, operating in Burst Mode. The DC3109A-C features the
LTC3306C, operating in forced continuous mode at 2 MHz.
The LTC3306 is a monolithic, constant frequency, current mode
step-down DC-DC converter. A fixed frequency oscillator turns on
the internal top power switch at the beginning of each clock cycle.
Current in the inductor then increases until the top switch compara-
tor trips and turns off the top power switch. If the EN pin is low, the
LTC3306 is in shutdown and in a low quiescent current state. When
the EN pin is above its threshold, the switching regulator is enabled.
The maximum allowable operating frequency is influenced by the
minimum on time of the top switch, the ratio of VOUT to VIN and
the available inductor values. Equation (3) shows the maximum
allowable operating frequency:
fSWMAX = VOUT
VINMAX ×TONMIN
(3)
ACCURATELY MEASURING OUTPUT RIPPLE
OF THE LTC3306
With the fast edge rates of the circuit, high frequency noise can be
observed when measuring the output voltage with 1 mΩ terminated
oscilloscope probes. To better view the high frequency output
ripple, TP1, an U.FL, RECEPT, ST SMD, 0 Hz to 6 GHz, 50 Ω
connector, should be populated. The output ripple should be tested
with oscilloscopes of 400 MHz bandwidth and above, with a 50 Ω
coax cable connected as close to the output capacitor as possible,
and with oscilloscope channel terminated to 50 Ω at the scope.
This helps to reduce the noise coupling onto and displaying on the
scope.
The high frequency spikes are partially attributed to the interwinding
capacitance of the inductor and the voltage step is partially attribut-
ed to the inductance in the output capacitors. This can be reduced
by choosing low ESL capacitors or adding small low ESL capacitors
in parallel to the output capacitors as close to the inductor as
possible. To reduce the high frequency noise, optional C11 should
be populated with a 10 nF, 0402, X2Y capacitor. Adding capacitors
close to the load creates a π filter between the output capacitors,
trace inductance, and load decoupling capacitors and also helps to
reduce the ripple.
Figure 13. Output Ripple Without C11
Figure 14. Output Ripple with C11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com