Electronic Components Datasheet Search
  English  ▼

X  

FXR.2020.B Datasheet(PDF) 10 Page - Taoglas antenna solutions

Part # FXR.2020.B
Description  NFC Flex Antenna (20*20*0.355mm) with a Reverse Ferrite Layer and adhesive backing
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR.2020.B Datasheet(HTML) 10 Page - Taoglas antenna solutions

Back Button FXR.2020.B Datasheet HTML 6Page - Taoglas antenna solutions FXR.2020.B Datasheet HTML 7Page - Taoglas antenna solutions FXR.2020.B Datasheet HTML 8Page - Taoglas antenna solutions FXR.2020.B Datasheet HTML 9Page - Taoglas antenna solutions FXR.2020.B Datasheet HTML 10Page - Taoglas antenna solutions FXR.2020.B Datasheet HTML 11Page - Taoglas antenna solutions FXR.2020.B Datasheet HTML 12Page - Taoglas antenna solutions FXR.2020.B Datasheet HTML 13Page - Taoglas antenna solutions FXR.2020.B Datasheet HTML 14Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
SPE-24-8-106-A
www.taoglas.com
4.1
FXR.2020.B.dg
4.
Mechanical Drawing (Units: mm)
6.
Packaging5.
Mechanical Drawing
6.
Packaging
7.
Application Note6. Packaging5.
Mechanical
Drawing
6.
Packaging5.
Mechanical Drawing
6.
Packaging
7.
Application Note6. Packaging
7.
Application Note
7.
Application Note6. Packaging
7.
Application Note6. Packaging5.
Mechanical
Drawing
6.
Packaging5.
Mechanical Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com